Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1952
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1952 Datasheet HTML 16Page - Linear Technology LT1952 Datasheet HTML 17Page - Linear Technology LT1952 Datasheet HTML 18Page - Linear Technology LT1952 Datasheet HTML 19Page - Linear Technology LT1952 Datasheet HTML 20Page - Linear Technology LT1952 Datasheet HTML 21Page - Linear Technology LT1952 Datasheet HTML 22Page - Linear Technology LT1952 Datasheet HTML 23Page - Linear Technology LT1952 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT1952
21
1952f
APPLICATIO S I FOR ATIO
Figure 16. 36V to 72V Input to 12V at 20A No ‘Optocoupler’ Synchronous ‘Bus Converter’
Figure 15. LT1952-Based Synchronous ‘Bus Converter’ Efficiency
vs Load Current (For Circuit in Figure 16)
48V to Isolated 12V, 20A (No Opto-Coupler)
‘Bus Converter’
The wide programmable range and accuracy of the LT1952
Volt-Second clamp makes the LT1952 an ideal choice for
‘Bus Converter’ applications where the Volt-Second clamp
provides line regulation for the converter output. The 48V
to 12V 20A ‘Bus Converter’ application in Figure16 shows
a semi-regulated isolated output without the need for an
optocoupler, optocoupler driver, reference or feedback
network. Some ‘Bus Converter’ solutions run with a fixed
50% duty cycle resulting in an output variation of 2-to-1
for applications with a 72V to 36V input range. The LT1952
uses an accurate wide programmable range Volt-Second
clamp to initially program and then control power supply
output voltage to typically ±10% for the same 36V to 72V
input range. Efficiency for the LT1952-based bus con-
verter in Figure 16 achieves a high 94% at 20A (Figure 15).
LOAD CURRENT (A)
4
96.0
95.5
95.0
94.5
94.0
93.5
93.0
10
12
14
8
6
161820
1952 F15
VIN = 48V
VOUT = 12V
The solution is only slightly larger than 1/4 “brick” size and
uses only ceramic capacitors for high reliability.
•
•
•
LTC3900
8V
BIAS
VU1
VU1
220pF
8V
BIAS
3
FG
5
CG
VIN
36V TO 72V
T1
PA0815.002
BAS516
BCX55
VOUT
12V, 20A
10k
10k
10k
CT
1nF
1µF
RT
15k
560Ω
L1: PA1494.242 PULSE ENGINEERING
T1: PULSE ENGINEERING
T2: COILCRAFT
COUT
33µF, 16V
X5R, TDK
3x
0.1µF
2.2µF, 100V
2x
1nF
BAT760
12V
Si7370
2x
PH4840
2x
18V
T2
Q4470-B
82k
47k
1952 F16
2.4µH
SD_VSEC
OUT
LT1952
714
ROSC
VIN
315
BLANK
GND
98
SS_MAXDC
PGND
513
DELAY
12
VREF
OC
611
COMP
ISENSE
110
FB
SOUT
216
PH21NQ15
2x
1
GND
6
CS+
2
VCC
4
CS–
7
SYNC
8
TIMER
370k
9mΩ
1µF
470Ω
39k
13.2k
115k
27k
0.47µF
0.1µF
10k
59k
12V Bus Converter Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com