Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35-70PC6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z35-70PC6
Description  256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35-70PC6 Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z35-70PC6 Datasheet HTML 1Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 2Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 3Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 4Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 5Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 6Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 7Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 8Page - STMicroelectronics M48Z35-70PC6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
May 2002
M48Z35
M48Z35Y
256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM
FEATURES SUMMARY
s
INTEGRATED, ULTRA LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT, and
BATTERY
s
READ CYCLE TIME EQUALS WRITE CYCLE
TIME
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
WRITE PROTECT VOLTAGES:
(VPFD = Power-fail Deselect Voltage)
– M48Z35: VCC = 4.75 to 5.5V
4.5V
≤ VPFD ≤ 4.75V
– M48Z35Y: 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
s
SELF-CONTAINED BATTERY IN THE
CAPHAT™ DIP PACKAGE
s
PACKAGING INCLUDES A 28-LEAD SOIC and
SNAPHAT® TOP (to be Ordered Separately)
s
PIN and FUNCTION COMPATIBLE WITH
JEDEC STANDARD 32K x 8 SRAMs
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT TOP WHICH
CONTAINS THE BATTERY and CRYSTAL
Figure 1. 28-pin CAPHAT™ DIP Package
Figure 2. 28-pin SOIC Package
PCDIP28 (PC)
Battery CAPHAT
28
1
SNAPHAT (SH)
Crystal / Battery
SOH28 (MH)
28
1


Similar Part No. - M48Z35-70PC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35-70PC6 STMICROELECTRONICS-M48Z35-70PC6 Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
M48Z35-70PC6TR STMICROELECTRONICS-M48Z35-70PC6TR Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
More results

Similar Description - M48Z35-70PC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
256 Kbit 32Kb x8 ZEROPOWER SRAM
20-Apr-2000
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
02-Aug-2010
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM
19-Aug-2010
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER® SRAM
June 2011 Rev 9
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM
07-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com