Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC4511 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC4511
Description  BCD-to-7 Segment Latch/Decoder/Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC4511 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC4511 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
60
120
ns
Delay from Inputs A thru D to any Output
tPHL tPLH
Maximum Propagation
60
120
ns
Delay from BI to any Output
tPHL tPLH
Maximum Propagation
60
120
ns
Delay from LT to any Output
tS
Minimum Setup Time
10
20
ns
Inputs A thru D to LE
tH
Minimum Hold Time
b
30
ns
Inputs A thru D to LE
tW
Minimum Pulse Width
16
ns
for LE
AC Electrical Characteristics CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
LEe0V
20V
300
600
756
894
ns
Delay from Inputs
LTeVCC
45V
60
120
151
179
ns
A thru D to any Output
BIeVCC
60V
51
102
129
152
ns
tPHL tPLH
Maximum Propagation
LTeVCC
20V
300
600
756
894
ns
Delay from BI to
45V
60
120
151
179
ns
any Output
60V
51
102
129
152
ns
tPHL tPLH
Maximum Propagation
BIe0V
20V
300
600
756
894
ns
Delay from LT to
45V
60
120
151
179
ns
any Output
60V
51
102
129
152
ns
tS
Minimum Setup Time
20V
100
126
149
ns
Inputs A thru D to LE
45V
20
25
30
ns
60V
17
21
25
ns
tH
Minimum Hold Time
20V
0
0
0
ns
Inputs A thru D to LE
45V
0
0
0
ns
60V
0
0
0
ns
tW
Minimum Pulse Width
20V
80
100
120
ns
for LE
45V
16
20
24
ns
60V
14
17
20
ns
tr tf
Maximum Input Rise and
20V
1000
1000
1000
ns
Fall Time
45V
500
500
500
ns
60V
400
400
400
ns
CPD
Power Dissipation
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com