Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC4511 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC4511
Description  BCD-to-7 Segment Latch/Decoder/Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC4511 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC4511 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC4511 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5373
January 1988
MM54HC4511MM74HC4511
BCD-to-7 Segment LatchDecoderDriver
General Description
This high speed latchdecoderdriver utilizes advanced sili-
con-gate CMOS technology It has the high noise immunity
and low power consumption of standard CMOS integrated
circuits as well as the ability to drive 10 LS-TTL loads The
circuit provides the functions of a 4-bit storage latch an
8421 BCD-to-seven segment decoder and an output drive
capability Lamp test (LT) blanking (Bl) and latch enable
(LE) inputs are used to test the display to turn-off or pulse
modulate the brightness of the display and to store a BCD
code respectively It can be used with seven-segment light
emitting diodes (LED) incandescent fluorescent gas dis-
charge or liquid crystal readouts either directly or indirectly
Applications include instrument (eg
counter DVM etc)
display driver computercalculator display driver cockpit
display driver and various clock watch and timer uses
The 54HC74HC logic family is speed function and pinout
compatible with the standard 54LS74LS logic family All
inputs are protected from damage due to static discharge by
internal diode clamps to VCC and ground
Features
Y
Latch storage of input data
Y
Blanking input
Y
Lamp test input
Y
Low power consumption characteristics of CMOS
devices
Y
Wide operating voltage range 2 to 6 volts
Y
Low input current 1 mA maximum
Y
Low quiescent current 80 mA maximum over full tem-
perature range (74 Series)
Connection Diagram
Dual-In-Line Package
TLF5373 – 1
Order Number MM54HC4511 or MM74HC4511
Truth Table
INPUTS
OUTPUTS
LE BI LT D C B A a b c d e
f
g DISPLAY
x
x
L
xxxx HHHHHHH
8
x
L
H
xxxx LLLLLLL
L
H
H
LLLL HHHHHH L
0
L
H
H
LLL H L H H LLLL
1
L
H
H
L LHLH HLH H LH
2
L
H
H
L L HHHHHH L L H
3
L
H
H
L H L L L HH L L HH
4
L
H
H
L H L HH L H H L HH
5
L
H
H
L HH L L L HHHHH
6
L
H
H
L HHHHHH L L L L
7
L
H
H
H L L L HHHHHHH
8
L
H
H
H L L HHHH L L HH
9
L
H
H
H L H LLLLLLLL
L
H
H
H L H H LLLLLLL
L
H
H
H H LLLLLLLLL
L
H
H
H H L H LLLLLLL
L
H
H
H H H LLLLLLLL
L
H
H
HHHH LLLLLLL
H
H
H
xxxx
xeDon’t care
e
Depends upon the BCD code applied during the 0 to 1 transition of LE
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC4511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
Quad Analog Switch
MM54HC4016J NSC-MM54HC4016J Datasheet
171Kb / 8P
Quad Analog Switch
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
Triple 3-Input OR Gate
MM54HC4075J NSC-MM54HC4075J Datasheet
113Kb / 4P
Triple 3-Input OR Gate
More results

Similar Description - MM54HC4511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com