Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECGP3W Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LECGP3W
Description  OSRAM OSTAR Projection Power
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP3W Datasheet(HTML) 5 Page - OSRAM GmbH

  LECGP3W Datasheet HTML 1Page - OSRAM GmbH LECGP3W Datasheet HTML 2Page - OSRAM GmbH LECGP3W Datasheet HTML 3Page - OSRAM GmbH LECGP3W Datasheet HTML 4Page - OSRAM GmbH LECGP3W Datasheet HTML 5Page - OSRAM GmbH LECGP3W Datasheet HTML 6Page - OSRAM GmbH LECGP3W Datasheet HTML 7Page - OSRAM GmbH LECGP3W Datasheet HTML 8Page - OSRAM GmbH LECGP3W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Version 1.4
LE CG P3W
2015-08-12
5
SMD NTC Thermistor
SMD NTC Thermistor
* for further Information please visit www.epcos.com
R
25
No. of R/T
characterist
ics*
B
25/50
B
25/85
Resistance
Tolerance
∆R
N/RN
B value
Tolerance
∆B/B
P
NTC,max,25
[Ω]
[K]
[K]
(±) [%]
(±) [%]
[mW]
10000
EPCOS 8502
3940
3980
5
3
180
Typical Thermistor Graph 6) page 24 , 7) page 24
Typische Thermistor Kennlinie 6) Seite 24 , 7) Seite 24
IF = f (VF); Tboard = 25 °C
0
0
˚C
T
R
OHL02609
NTC
1000
2000
3000
4000
5000
6000
7000
10000
10 20 30 40 50 60 70
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com