Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L100Q Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3L100Q
Description  3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L100Q Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3L100Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PI3L100
3.3V, Wide Bandwidth Quad 2:1, Mux/Demux LanSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8504
11/13/00
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
3
pF
COFF
Capacitance, Switch Off (Y)
VIN = 0V
17
pF
CON
Capacitance, Switch On
VIN = 0V
25
pF
COFF
Capacitance, Switch Off (A/B)
VIN = 0V
8
pF
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for ex-
tended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = 0°C to +70°C, VCC = 3.3V ±5%)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient temperature.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. VON (min) value is at VCC = 3.3V, TA = 70°C.
Storage Temperature ............................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................................. 0°C to +70°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ...... –0.5V to +4.6V
Supply Voltage to Ground Potential (Outputs & D/O Only) ... –0.5V to +4.6V
DC Input Voltage ..................................................................... –0.5V to +4.6V
DC Output Current ............................................................................... 120 mA
Power Dissipation ...................................................................................... 0.5W
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
D)
1
(
s
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
Mp
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2—
—
V
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–—
8
.
0
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV C
C
V
,
.
x
a
M
=
N
I
V
=
C
C
——
1
±
µA
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
,
.
x
a
M
=
N
I
D
N
G
=—
—
1
±
I
H
Z
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
a
d
e
p
m
I
h
g
i
H0
≤
B
,
A
≤ V C
C
——
1
±
V K
I
e
g
a
t
l
o
V
e
d
o
i
D
p
m
a
l
CV C
C
I
,
.
n
i
M
=
N
I
A
m
8
1
–
=—
2
.
1
–V
I S
O
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
)
3
(
V
=
)
A
(
B
,
V
0
=
)
B
(
A
C
C
0
0
1—
—
A
m
VH
s
n
i
P
l
o
r
t
n
o
C
t
a
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I—
0
5
1—
V
m
R N
O
)
6
(e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
S
V C
C
V
,
.
n
i
M
=
N
I
I
,
V
0
=
N
O
A
m
8
4
=—
5
7
Ω
V C
C
V
,
.
n
i
M
=
N
I
I
,
V
4
.
2
=
N
O
A
m
5
1
=—
0
15
1
∆R N
O
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
n
OV N
I
W
O
L
=
E
,
V
0
.
3
=—
—
—
Note:
1. This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com