Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L100Q Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3L100Q
Description  3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L100Q Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3L100Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L100Q Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PI3L100
3.3V, Wide Bandwidth Quad 2:1, Mux/Demux LanSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8504
11/13/00
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (VIN = 3.0V, control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
Power Supply Characteristics
Parameters
Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
—
0.1
3.0
µA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN=3.4V
(3)
—
—
750
µA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max.,
—
—
0.25
mA/
Input per MHz
(4)
Input Pins Open
MHz
E = GND
Control Input Toggling
50% Duty Cycle
PI3L100
Com.
Parameters
Description
Conditions(1)
Min
Typ
Max
Unit
tPLH
Propagation Delay(2,3)
—
—
0.25
ns
In to Y
tSY
Bus Enable Time
CL = 50pF
1
—
4.5
ns
S to Y
RL = 500
Ω
tPHZ
Bus Disable Time
1
—
4.5
ns
tPLZ
E to Y
XTALK
Crosstalk
RL = 100Ω
—
–90
—
dB
f = 30 MHz
See Figure 2
OIRR
Off Isolation
RL = 100Ω
—
–45
—
dB
f = 30 MHz
BW
–3dB Bandwidth
RL = 100Ω
—
213
—
MHz
See Figure 2
tON
Turn On Time
RL = 100Ω
———
ns
tOFF
Turn Off Time
CL = 35pF
—
—
—
ns
See Figure 1
Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of
the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns
for 50pF load. Since this time constant is much smaller than the rise/fall times of typical driving
signals, it adds very little propagational delay to the system. Propagational delay of the bus switch
when used in a system is determined by the driving circuit on the driving side of the switch and its
interaction with the load on the driven side.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com