Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL0210A Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # PLL0210A
Description  PHASE LOCKED LOOP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PLL0210A Datasheet(HTML) 1 Page - Z-Communications, Inc

  PLL0210A Datasheet HTML 1Page - Z-Communications, Inc PLL0210A Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLL0210A
Telecommunications
Satellite
Telemetry
5
25
200
-65
0.5
-10
5
1
-40 to +85
Frequency Range
RMS Phase Error (100 Hz - 100 KHz)
Harmonic Suppression (2nd, typ.)
Sideband Spurs (typ.)
Switching Speed (typ., adjacent channel)
Startup Lock Time (typ.)
Operating Temperature Range
Package Style
PLL
MHz
°
dBc
dBc
mSec
mSec
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
PHASE LOCKED LOOP
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
200
MHz
• Step Size:
100 KHz
- Style Package
PLL
•
•
•
•
A2
Rev
•
AN-107 : How to Solder Z-COMM VCOs / PLLs
•
AN-200 : Mounting and Grounding of Z-COMM PLLs
•
AN-201 : PLL Fundamentals
AN-202 : PLL Functional Description
NOTES:
Reference Oscillator Signal: 5 MHz<
f
osc <40 MHz
9939 Via Pasar • San Diego, CA 92126
TEL (858) 621-2700
FAX (858) 621-2722
Power Output
3.5±2.5
dBm
Load Impedance
50
Step Size
100
KHz
LOW
230
-
• Frequency Range:
-
230
Ω
Charge Pump Output Current


Similar Part No. - PLL0210A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL0930A ETC-PLL0930A Datasheet
74Kb / 2P
PHASE LOCKED LOOP
More results

Similar Description - PLL0210A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com