Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5TL1000 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE5TL1000
Description  RF PCB Test Probe Positioner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5TL1000 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE5TL1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAGNETIC BASE
PROBE HOLDER
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
3
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Typical Performance Data
PE5TL1000 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RF PCB Test Probe Positioner PE5TL1000
RF PCB Test Probe Positioner
Tools Miscellaneous Technical Data Sheet
PE5TL1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com