Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5TL1000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5TL1000
Description  RF PCB Test Probe Positioner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5TL1000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5TL1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE5TL1000 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Pasternack’s PE5TL1000 RF PCB Test Probe Positioner is part of our full line of RF components available for same-day
shipping. This RF probe positioner holds and manipulates coaxial GS, SG and GSG probes, providing stability and fine control
of the RF probe contact points. The PCB RF probe positioner mounts securely using a switched magnet to the included
base plate or other magnetic mounting planes. RF coaxial probes and associated test cables can then be clamped into the
positioner using a thumb screw. The final adjustable probe connection is ideally suited for device characterization, signal
integrity measurements or troubleshooting.
Our RF PCB Test Probe Positioner datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave components allow
designers to configure and customize
their signal connections however they like. Whether the need is to provide RF probe positioning, signal integrity probing or
device characterization, Pasternack can ship you the right components same day.
Features
• RF PCB probe positioner holds coaxial probes
• Magnetic mounting plate
On-Off positioner switch
Articulated joints
• Multi-axis positioner control
• In stock and ready to ship
Applications
• Signal Integrity probing
• S-parameter measurements
• RF Coaxial Probing
Device characterization
Differential Probing
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RF PCB Test Probe Positioner PE5TL1000
PE5TL1000 REV 1
RF PCB Test Probe Positioner
Tools Miscellaneous Technical Data Sheet
PE5TL1000


Similar Part No. - PE5TL1000

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PE5T2DX NIKOSEM-PE5T2DX Datasheet
296Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Pasternack Enterprises,...
PE5TR1000 PASTERNACK-PE5TR1000 Datasheet
490Kb / 5P
3.5mm Female General Purpose Calibration Kit
PE5TR1001 PASTERNACK-PE5TR1001 Datasheet
492Kb / 5P
3.5mm Male General Purpose Calibration Kit
PE5TR1002 PASTERNACK-PE5TR1002 Datasheet
478Kb / 5P
3.5mm Female General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5TR1003 PASTERNACK-PE5TR1003 Datasheet
512Kb / 5P
3.5mm Male General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
More results

Similar Description - PE5TL1000

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ABC54705-AA GLENAIR-ABC54705-AA Datasheet
184Kb / 1P
Fiber Optic Test Probe
logo
Pomona Electronics
5144 POMONA-5144 Datasheet
30Kb / 1P
SMD Test Probe
5950A POMONA-5950A Datasheet
39Kb / 1P
Test Probe Set Replaceable Tip
5952A POMONA-5952A Datasheet
38Kb / 1P
Adjustable Tip Test Probe Set
5953A POMONA-5953A Datasheet
38Kb / 1P
Adjustable Tip Test Probe Set
6106 POMONA-6106 Datasheet
116Kb / 1P
DMM RF Detector Test Probe
6232A POMONA-6232A Datasheet
94Kb / 2P
Modular Test Probe with
6472 POMONA-6472 Datasheet
38Kb / 1P
SMD Microtip Test Probe Set
6477 POMONA-6477 Datasheet
42Kb / 1P
Replaceable Tip Test Probe Set
logo
Tyco Electronics
582118 MACOM-582118 Datasheet
122Kb / 1P
ASSEMBLY, TEST PROBE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com