Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP552B Datasheet(PDF) 5 Page - TT Electronics.

Part # OP552B
Description  NPN Silicon Phototransistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP552B Datasheet(HTML) 5 Page - TT Electronics.

  OP552B Datasheet HTML 1Page - TT Electronics. OP552B Datasheet HTML 2Page - TT Electronics. OP552B Datasheet HTML 3Page - TT Electronics. OP552B Datasheet HTML 4Page - TT Electronics. OP552B Datasheet HTML 5Page - TT Electronics. OP552B Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP550, OP552, OP555, OP560, OP565,
OP750 Series
Issue A
08/2016
Page 5
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Performance
OP552 - Angular Response
20
40
60
80
100
Angular Displacement (Degrees)
-45
-30
-15
0
15
30
45
Irradiance (EE) (mW/cm2)
0
0.5
1.0
2.0
1.5
2.5
3.0
3.5
2
4
6
8
10
12
λ = 935 nm
λ = 880 nm
OP552 - On-State Collector Current
vs Irradiance
100
RL
VCC = 5 V
IF
Adjust IF to obtain
VRL
Switching Test Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com