Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP552B Datasheet(PDF) 1 Page - TT Electronics.

Part # OP552B
Description  NPN Silicon Phototransistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP552B Datasheet(HTML) 1 Page - TT Electronics.

  OP552B Datasheet HTML 1Page - TT Electronics. OP552B Datasheet HTML 2Page - TT Electronics. OP552B Datasheet HTML 3Page - TT Electronics. OP552B Datasheet HTML 4Page - TT Electronics. OP552B Datasheet HTML 5Page - TT Electronics. OP552B Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OP550, OP552, OP555, OP560, OP565,
OP750 Series
© TT electronics plc
Issue A
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
OP550, OP552, OP555, OP750, and OP770 series consists of a NPN silicon phototransistor molded in an epoxy package with
a wide receiving angle that provides relatively even reception over a large area. The OP750 and OP770 have additional
circuitry to enhance the operation of the device for stray light levels.
OP560 and OP565 series consists of a NPN silicon photodarlington transistor molded in an epoxy package with a wide
receiving angle that provides relatively even reception over a large area.
The side-looking package design allows easy PCBoard mounting of slotted optical switches or optical interrupt detectors.
The OP550, OP560, OP750 and OP770 devices have an external lens in a clear epoxy package.
The OP552 device has an integral lens in an opaque plastic package that is optically transparent to infrared light but opaque
to visible wavelengths. This feature allows the device to be used under high ambient light conditions – or anywhere
external light sources could interfere with the intended sensing application (visible light immunity).
The OP555 and OP565 devices have an internal lens in a blue-tinted package. The lensing effect of this package allows an
acceptance half-angle of 28° when measured from the optical axis to the half-power point.
These devices are 100% production tested using infrared light for close correlation with OPTEK’s GaAs and GaAIAs emitters.
All of these sensors are mechanically and spectrally matched to the OP140, OP142, OP145, OP240 and OP245 series of
infrared emitting diodes.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
For custom versions please contact your OPTEK representative.
Applications:
Applications requiring
wide receiving angle
Applications requiring
PCBoard mounting
Space-limited applications
Optical switches
Optical interrupt detectors
Optical encoders
Non-contact position
sensing
Machine automation
Features:
 Wide receiving angle
 Four sensitivity ranges
 Side-looking package
 Ideal for space-limited applications
 Ideal for PCBoard mounting
 Choice of clear, opaque or blue-tinted package
OP550
OP560
OP750
OP770
OP555
OP565
OP552
55 = Phototransistor
A = Highest sensitivity level
56 = Photodarlington
B = Sensitivity Level with Min. Max.
75 = Phototransistor with RBE
C = Middle Sensitivity Level
77 = Phototransistor with CCE
D = Lowest Sensitivity Level
0 = Extended Lens - Clear Package
2 = Extended Lens - Blue Tinted Package
5 = Integral Lens - Blue Tinted Package
OP550A
OP552A
OP555A
OP560A
OP565A
OP750A
OP755A
OP770A
OP775A
OP550B
OP552B
OP555B
OP560B
OP565B
OP750B
OP755B
OP770B
OP775B
OP550C
OP552C
OP555C
OP560C
OP565C
OP750C
OP755C
OP770C
OP775C
OP550D
OP552D
OP555D
OP750D
OP755D
OP770D
OP775D
Available Part Numbers
OP __ __ __ __
RoHS


Similar Part No. - OP552B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP550A OPTEK-OP550A Datasheet
340Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP550B OPTEK-OP550B Datasheet
340Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP550C OPTEK-OP550C Datasheet
340Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP550D OPTEK-OP550D Datasheet
340Kb / 2P
NPN SILICON PHOTOTRANSISTORS
OP555 OPTEK-OP555 Datasheet
222Kb / 2P
NPN SILICON PHOTOTRANSISTORS
More results

Similar Description - OP552B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com