Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9223CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT9223CS
Description  5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9223CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT9223CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT9223
www.richtek-ic.com.tw
DS9223-07 May 2001
4
Pin Description
Pin No. Pin Name
Pin Function
1
GND
Small signal analog and digital ground
2
VCC
Power supply input
3
OVP
High signal out if VO
> setting point +20%
4
PGOOD
(1)
Open collector logic output; High if VO within 10% of the setting point
5
CSN
Current sense input (Negative)
6
CSP
Current sense input (Positive)
7
PGNDH
High side drive GIND
8
DH
High side driver output
9
NC
No connection
10
PGNDL
Low side drive GND
11
DL
Low side driver output
12
BSTL
Supply for low side driver
13
BSTH
Supply for high side driver
14
SHDN
(1)
Logic low shutdown the converter
15
VSEN
Top end of internal feedback chain
16
VID4
(1)
Programming input (MSB)
17
VID3
(1)
Programming input
18
VID2
(1)
Programming input
19
VID1
(1)
Programming input
20
VID0
(1)
Programming input (LSB)
Note: (1) All logic level inputs and outputs are TTL compatible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com