Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9223CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9223CS
Description  5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9223CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9223CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9223CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RT9223
DS9223-07 May 2001
www.richtek-ic.com.tw
1
5-Bit Programmable Synchronous PWM
Buck Converter Controller
General Description
The RT9223 is a high efficiency synchronous
switching regulator for modern CPU application. The
output is controlled by a 5-bit DAC programmed from
1.3V to 2.05V in 0.05V steps and from 2.1V to 3.5V
in 0.1V increments.
The switching controller drivers two N-MOSFETs at
200KHz frequency and provides an optimal solution
for size, efficiency and cost in any application
circuits. The controller also offers integrated
functions including PGOOD, output enable, over-
voltage, internal digital-count soft start, and current-
limiting protection in one chip.
Ordering Information
RT9223
Features
High
Efficiency
Synchronous
N-MOSFET
Driver Operating at 200KHz
1.3V ~ 2.05V (0.05V steps) and 2.1V ~ 3.5V
(0.1V steps) Output Voltage
Enable Input, PGOOD Output, OVP, and
Current-limiting Protection
Internal Digital-count Soft Start
Applications
Power Supply for Pentium Pro
TM, PowerPCTM,
K6
TM, 6x86TM, and AlphaTM Microprocessors
High-power 5V to 3.xV DC-DC Regulators
Low-voltage Distributed Power Supplies
Programmable Step-down Power Supplies
Pin Configurations
Part Number
Pin Configurations
RT9223CS
(Plastic SOP-20)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S : SOP-20
1
2
3
4
5
6
7
8
9
10
GND
VCC
OVP
PGOOD
CSN
CSP
PGNDH
DH
NC
PGNDL
VID0
VID1
VID2
VID3
VID4
VSEN
SHDN
BSTH
BSTL
DL
20
19
18
17
16
15
14
13
12
11


Similar Part No. - RT9223CS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
RobuST, rail-to-rail, high output current dual operational amplifier
08-Oct-2014
logo
List of Unclassifed Man...
RT9221 ETC-RT9221 Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9221CS ETC-RT9221CS Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
RT9224 ETC1-RT9224 Datasheet
210Kb / 8P
5-Bit Programmable Synchronous PWM Buck Converter Controller and Output Voltage Monitor
More results

Similar Description - RT9223CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
5-Bit Programmable Synchronous Buck Regulator Controller
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
International Rectifier
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
List of Unclassifed Man...
N1164 ETC-N1164 Datasheet
93Kb / 8P
5 Bit Programmable Synchronous Buck Converter with Dual LDOs Controller
RT9224 ETC1-RT9224 Datasheet
210Kb / 8P
5-Bit Programmable Synchronous PWM Buck Converter Controller and Output Voltage Monitor
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com