Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1680 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 4 Page - Cirrus Logic

  CS1680 Datasheet HTML 1Page - Cirrus Logic CS1680 Datasheet HTML 2Page - Cirrus Logic CS1680 Datasheet HTML 3Page - Cirrus Logic CS1680 Datasheet HTML 4Page - Cirrus Logic CS1680 Datasheet HTML 5Page - Cirrus Logic CS1680 Datasheet HTML 6Page - Cirrus Logic CS1680 Datasheet HTML 7Page - Cirrus Logic CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS1680
4
DS1055F1
3. CHARACTERISTICS AND SPECIFICATIONS
3.1 Electrical Characteristics
Typical characteristics conditions:
- TA =25 °C, VDD = 12V, GND = 0 V
- All voltages are measured with respect to GND.
- Unless otherwise specified, all currents are positive when
flowing into the IC.
Minimum/Maximum characteristics conditions:
- TJ = -40°C to +125 °C, VDD = 11V to 17V, GND = 0 V
Parameter
Condition
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
Operating Range
After Turn-on
VDD
11
-
17
V
Turn-on Threshold Voltage
VDD Increasing
VST(th)
-8.5
-
V
Turn-off Threshold Voltage (UVLO)
VDD Decreasing
VSTP(th)
-7.5
-
V
GPIO Low
(Note 1)
VDD >VST(th)
KGPIO(low)
-50.0
-
%
Zener Voltage
(Note 2)
IDD =20mA
VZ
18.5
-
19.8
V
VDD Supply Current
Startup Supply Current
VDD<VST(th)
IST
--
1.0
mA
Operating Supply Current
(Note 3) CL = 0.25nF, fsw 70 kHz
-11
-
mA
Reference
Reference Current
Iref
-64
-
A
Clamp Gate Drive
Output Source Resistance
ZCLAMP(Source)
-
290
-
Output Sink Resistance
ZCLAMP(Sink)
-
208
-
Boost Output Mode1 Algorithm
Regulation Target
(Notes 1, 4)
KMode1(target)
-73.3
-
%
Boost Output Mode2 Mode Algorithm
Regulation Target
(Notes 1, 5)
KMode2(target)
-78.4
-
%
Boost Output Mode3 Algorithm
Regulation Range Low
(Notes 1, 6)
CS1680-00
CS1680-02
KMode3(low)
-
-
60.0
65.9
-
-
%
%
Regulation Range High
(Notes 1, 6)
KMode3(high)
-82.0
-
%
Accelerated Decrease On
CS1680-00
CS1680-02
KDEC(on)
-
-
52.2
60.4
-
-
%
%
Accelerated Increase On
(Notes 1, 7)
Accelerated Increase Off
(Notes 1, 7)
KCLAMP(on)
KCLAMP(off)
-
-
87.8
85.1
-
-
%
%
Boost Pulse Width Modulator
Minimum On Time
T1BST(min)
-0.1
-
s
Maximum On Time
T1BST(max)
-
800
-
s
Constant Off Time
Mode1
T2BST(fixed)
-0.5
-
s
Minimum Off Time
Mode2 & Mode3
T2BST(min)
-0.2
-
s
Maximum Off Time
Mode2 & Mode3
T2BST(max)
-0.9
-
s
Minimum Switching Frequency
-
1.3
-
kHz
Maximum Switching Frequency
-
3.3
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com