Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1680 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic CS1680 Datasheet HTML 10Page - Cirrus Logic CS1680 Datasheet HTML 11Page - Cirrus Logic CS1680 Datasheet HTML 12Page - Cirrus Logic CS1680 Datasheet HTML 13Page - Cirrus Logic CS1680 Datasheet HTML 14Page - Cirrus Logic CS1680 Datasheet HTML 15Page - Cirrus Logic CS1680 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS1680
DS1055F1
13
When exiting reset, the chip enters startup and the ADC
quickly (<15ms) tracks the external temperature to check
if it is below 120°C reference code before the controller is
powered up. If this check fails, the chip will wait until this
condition becomes true before initializing the rest of the
system; that is, until the resistance (RS+RNTC) rises above
17.02k
.
For example, a 14k
 (±1% tolerance) series resistor is
required to allow measurements of up to 130°C to be
within the eOTP tracking range when a 100k
 NTC with a
Beta of 4275. If the temperature exceeds 95°C,
thermistor RNTC is approximately 6.3k and series
resistor RS is 14k, so the eOTP pin has a total resistance
of 20.3k
. The eOTP pin initiates protective dimming
action by reducing the power dissipation. At 125°C, the
thermistor RNTC has 2.6k plus a series resistor RS equal
to 14k
 present a resistance of 16.6k at the eOTP pin
reaching the point where a thermal shutdown fault
intervenes. The CS1680 fault state is not cleared until the
power to the IC is recycled (see Figure 15).
If the external overtemperature protection feature is not
required, connect the eOTP pin to GND using a
50k
-to-500k resistor to disable the eOTP feature.
Temperature (°C)
125
95
50%
100%
0
25
Figure 15. LED Current vs. eOTP Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com