Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN16443 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN16443
Description  Stella Assembly
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN16443 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN16443 Datasheet HTML 1Page - Ledil, Inc. FN16443 Datasheet HTML 2Page - Ledil, Inc. FN16443 Datasheet HTML 3Page - Ledil, Inc. FN16443 Datasheet HTML 4Page - Ledil, Inc. FN16443 Datasheet HTML 5Page - Ledil, Inc. FN16443 Datasheet HTML 6Page - Ledil, Inc. FN16443 Datasheet HTML 7Page - Ledil, Inc. FN16443 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT DATASHEET
Stella series
last update 12/2/2018
DETAILS
Product Number
FN16443_STELLA-G2-VSM
Family
Stella
Type
Assembly
Color
black
Diameter
90 mm
Height
25,60 mm
Style
round
Optic Material
Silicone
Holder Material
Fastening
screw, socket
Status
production ready
ROHS Compliant
Yes
Date Updated
12/02/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO18
Asymmetric degStreetligh...
91 %
0.330
-
CLL04x/CLU04x
Asymmetric degStreetligh...
90 %
0.280
-
April 4th 2018 3:29 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN16443

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN16441 LEDIL-FN16441 Datasheet
1Mb / 12P
Stella Assembly
More results

Similar Description - FN16443

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14412 CREE-FCN14412 Datasheet
696Kb / 7P
STELLA series
FCN14661 CREE-FCN14661 Datasheet
458Kb / 3P
STELLA series
FN13323 CREE-FN13323 Datasheet
4Mb / 66P
STELLA series
FN14253 CREE-FN14253 Datasheet
1Mb / 29P
STELLA series
FN14645 CREE-FN14645 Datasheet
2Mb / 39P
STELLA series
FN14976 CREE-FN14976 Datasheet
3Mb / 43P
STELLA series
logo
Ledil, Inc.
FN14074 LEDIL-FN14074 Datasheet
2Mb / 48P
Stella series
FN15264 LEDIL-FN15264 Datasheet
3Mb / 58P
Stella series
FN16441 LEDIL-FN16441 Datasheet
1Mb / 12P
Stella Assembly
FN16477 LEDIL-FN16477 Datasheet
91Kb / 2P
Stella Assembly
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com