Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN16443 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # FN16443
Description  Stella Assembly
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN16443 Datasheet(HTML) 3 Page - Ledil, Inc.

  FN16443 Datasheet HTML 1Page - Ledil, Inc. FN16443 Datasheet HTML 2Page - Ledil, Inc. FN16443 Datasheet HTML 3Page - Ledil, Inc. FN16443 Datasheet HTML 4Page - Ledil, Inc. FN16443 Datasheet HTML 5Page - Ledil, Inc. FN16443 Datasheet HTML 6Page - Ledil, Inc. FN16443 Datasheet HTML 7Page - Ledil, Inc. FN16443 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
*Check suitability and design requirements
with the connector model used
For more details about installation please check
LEDiL Installation Guide on www.ledil.com
Notes
A
H
B
G
3
2
4
1
SCALE
1:1
WEIGHT
35,87 g
A3
SHEET 1/1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures: Up to 30mm
class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
PRODUCT
STELLA-G2-VSM
MECHANICAL DRAWING
Isometric view
Scale:
1:1
LED geometry for
reference only
Connector geometry
for reference only
Use washer with screw if possible
Recommended max. torque
for screw fixing: 0.40Nm
FRAME
LENS
CONNECTOR
LED
51
Bottom view
Scale 1:1
*Recommended inlet
area for wiring (yellow area)
20
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com