Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGF0804TFH-R900-2L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CGF0804TFH-R900-2L
Description  ESD/EMI Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CGF0804TFH-R900-2L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CGF0804TFH-R900-2L Datasheet HTML 1Page - Bourns Electronic Solutions CGF0804TFH-R900-2L Datasheet HTML 2Page - Bourns Electronic Solutions CGF0804TFH-R900-2L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
CombinedProtectionTechnology(CPT)
design
n
Commonmodefilter
n
ESDprotection
n
Fastresponsetime
n
Lowcapacitance
n
RoHScompliant*
Applications
n
USB2.0
n
HDMI
n
MIPI
n
MHL
ChipGuard®ModelCGF0804TFH-R900-2LESD/EMIFilter
*RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Description
Electrical Characteristics @ 25 °C (unless otherwise noted)
Parameter
Min.
Typ.
Max.
Unit
Common Mode Impedance @100 MHz
67.5
90
112.5
Ohms
Cut-off Frequency
3
GHz
DC Resistance
1.8
2.7
3.5
Ohms
Insulation Resistance
10
Megohms
Capacitance @ 1 MHz, Any Pin to Ground
0.6
pF
Leakage Current @ 5 V, Any Pin to Ground
1
µA
The Bourns® ChipGuard® CGF Series utilizes Combined Protection Technology (CPT) to create an ESD protection device and
common mode filter in a single space-saving device. This series features very low capacitance and superior common mode noise
rejection, making it ideal for use in high-speed differential data lines.
Environmental Characteristics
Moisture Sensitivity Level.....................1
ESD Classification (HBM).....................6
Absolute Maximum Ratings @ 25 °C (unless otherwise noted)
Parameter
Symbol
Rating
Unit
Maximum DC Operating Voltage
VDC
5
V
Maximum DC Operating Current
IDC
100
mA
Operating Temperature Range
TOPR
-40 to +85
°C
Storage Temperature Range
TSTG
-40 to +85
°C
ESD Protection per IEC 61000-4-2
Contact Discharge
Air Discharge
8
15
kV
How to Order
CG F 0804 TFH - R900 - 2L
ChipGuard®
Product
Designator
Common Mode
Filter Designator
Package
0804 = 0804 Size
Technology
TFH = Thin Film High-Speed
Common Mode Impedance @ 100 MHz
R900 = 90 Ohms
Lines
2L = 2 Lines
Circuit Diagram
GND
43
12
GND
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Similar Part No. - CGF0804TFH-R900-2L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CGF0804TFH-900-2L BOURNS-CGF0804TFH-900-2L Datasheet
452Kb / 3P
ESD/EMI Filter
More results

Similar Description - CGF0804TFH-R900-2L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF1005UDF12B KEC-PF1005UDF12B Datasheet
38Kb / 2P
ESD/EMI Filter
PF1010UDF12B KEC-PF1010UDF12B Datasheet
38Kb / 2P
ESD/EMI Filter
PV1005UDF16B KEC-PV1005UDF16B Datasheet
38Kb / 2P
ESD/EMI Filter
PV2015UDF12B KEC-PV2015UDF12B Datasheet
38Kb / 2P
ESD/EMI Filter
PF1005UDF8 KEC-PF1005UDF8 Datasheet
38Kb / 2P
ESD/EMI Filter
PF1005UDF12 KEC-PF1005UDF12 Datasheet
38Kb / 2P
ESD/EMI Filter
PF1015UDF16 KEC-PF1015UDF16 Datasheet
38Kb / 2P
ESD/EMI Filter
PF2015UDF8 KEC-PF2015UDF8 Datasheet
39Kb / 2P
ESD/EMI Filter
PF2015UDF16 KEC-PF2015UDF16 Datasheet
39Kb / 2P
ESD/EMI Filter
PF1005UDF8B KEC-PF1005UDF8B_15 Datasheet
368Kb / 2P
ESD/EMI Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com