Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGF0804TFH-R900-2L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CGF0804TFH-R900-2L
Description  ESD/EMI Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CGF0804TFH-R900-2L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CGF0804TFH-R900-2L Datasheet HTML 1Page - Bourns Electronic Solutions CGF0804TFH-R900-2L Datasheet HTML 2Page - Bourns Electronic Solutions CGF0804TFH-R900-2L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
ChipGuard®ModelCGF0804TFH-R900-2LESD/EMIFilter
Packaging Dimensions
2.0±0.5
(.079±.020)
178±2.0
(7.008±.079)
9.0±0.5
(.354±.020)
13.0±1.0
(.512±.039)
13.0±0.5
(.512±.020)
62.0±1.5
(2.441±.059)
21.0±0.8
(.827±.031)
DIMENSIONS:
MM
(INCHES)
REV.A03/18
8.0±0.1
(.315±.004)
1.75±0.05
(.069±.002)
3.5±0.05
(.138±0.002)
0.60±0.03
(.024±.0012)
1.04±0.03
(.041±.0012)
0.78±0.03
(.031±.0012)
2.0±0.05
(.079±.002)
1.55±0.05
(.061±.002)
DIA.
2.0±0.05
(.079±.002)
4.0±0.10
(.157±.004)
Solder Reflow Recommendations
Per J-STD-020C
A 1st Rising
The Normal to
30 s to 60 s
Temperature
Preheating
Temperature
B Preheating
140 °C to 160 °C
60 s to 120 s
C 2nd Rising
Preheating to 200 °C 20 s to 40 s
Temperature
D Main Heating
if 220 °C
50 s ~ 60 s
if 230 °C
40 s ~ 50 s
if 240 °C
30 s ~ 40 s
if 250 °C
20 s ~ 40 s
if 260 °C
20 s ~ 40 s
E Regular Cooling
200 °C to 100 °C
1 °C/s ~ 4 °C/s
A
C
TIME
D
E
B
STANDARD = 10,000 pieces per reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com