Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPS37N50APBF. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRFPS37N50APBF.
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPS37N50APBF. Datasheet(HTML) 2 Page - Vishay Siliconix

  IRFPS37N50APBF. Datasheet HTML 1Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 2Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 3Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 4Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 5Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 6Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 7Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 8Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 91258
2
S11-0111-Rev. C, 07-Feb-11
IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-40
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.24
-
Maximum Junction-to-Case (Drain)
RthJC
-0.28
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
500
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
25
μA
VDS = 400 V, VGS = 0 V, TJ = 150 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 22 Ab
-
-
0.13
Forward Transconductance
gfs
VDS = 50 V, ID = 22 Ab
20
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
5579
-
pF
Output Capacitance
Coss
-
810
-
Reverse Transfer Capacitance
Crss
-36
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V , f = 1.0 MHz
-
7905
-
VDS = 400 V , f = 1.0 MHz
-
221
-
Effective Output Capacitance
Coss eff.
VDS = 0 V to 400 V
-
400
-
Total Gate Charge
Qg
VGS = 10 V
ID = 36 A, VDS = 400 V,
see fig. 6 and 13b
-
-
180
nC
Gate-Source Charge
Qgs
--
46
Gate-Drain Charge
Qgd
--
71
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 36 A,
RG = 2.15 , RD = 7.0
see fig. 10b
-23
-
ns
Rise Time
tr
-98
-
Turn-Off Delay Time
td(off)
-52
-
Fall Time
tf
-80
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
36
A
Pulsed Diode Forward Currenta
ISM
-
-
144
Body Diode Voltage
VSD
TJ = 25 °C, IS = 36 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 36 A, dI/dt = 100 A/μsb
-
570
860
ns
Body Diode Reverse Recovery Charge
Qrr
-
8.6
13
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com