Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPS37N50APBF. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFPS37N50APBF.
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPS37N50APBF. Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFPS37N50APBF. Datasheet HTML 1Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 2Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 3Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 4Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 5Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 6Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 7Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 8Page - Vishay Siliconix IRFPS37N50APBF. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91258
www.vishay.com
S11-0111-Rev. C, 07-Feb-11
1
Power MOSFET
IRFPS37N50A, SiHFPS37N50A
Vishay Siliconix
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Effective Coss Specified
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Speed Power Switching
TYPICAL SMPS TOPOLOGIES
• Full Bridge Converters
• Power Factor Correction Boost
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 1.94 mH, Rg = 25 , IAS = 36 A (see fig. 12).
c. ISD  36 A, dI/dt  145 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (Max.) ()VGS = 10 V
0.13
Qg (Max.) (nC)
180
Qgs (nC)
46
Qgd (nC)
71
Configuration
Single
N-Channel MOSFET
G
D
S
S
D
G
Super-247
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
Super-247
Lead (Pb)-free
IRFPS37N50APbF
SiHFPS37N50A-E3
SnPb
IRFPS37N50A
SiHFPS37N50A
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
36
A
TC = 100 °C
23
Pulsed Drain Currenta
IDM
144
Linear Derating Factor
3.6
W/°C
Single Pulse Avalanche Energyb
EAS
1260
mJ
Repetitive Avalanche Currenta
IAR
36
A
Repetitive Avalanche Energya
EAR
44
mJ
Maximum Power Dissipation
TC = 25 °C
PD
446
W
Peak Diode Recovery dV/dtc
dV/dt
3.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFPS37N50APBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
logo
Vishay Siliconix
IRFPS37N50APBF VISHAY-IRFPS37N50APBF Datasheet
156Kb / 8P
Power MOSFET
21-Jul-08
More results

Similar Description - IRFPS37N50APBF.

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com