Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G34 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC3G34
Description  Triple buffer gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G34 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC3G34 Datasheet HTML 1Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 2Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 3Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
9397 750 14545
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
2 of 14
Philips Semiconductors
74LVC3G34
Triple buffer gate
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
[2]
The condition is VI = GND to VCC.
4.
Ordering information
5.
Marking
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
tPHL, tPLH propagation
delay input nA to
output nY
VCC = 1.8 V; CL = 30 pF; RL =1kΩ
-
3.8
-
ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
-
2.4
-
ns
VCC = 2.7 V; CL = 50 pF; RL = 500 Ω
-
2.5
-
ns
VCC = 3.3 V; CL = 50 pF; RL = 500 Ω
-
2.2
-
ns
VCC = 5.0 V; CL = 50 pF; RL = 500 Ω
-
1.9
-
ns
CI
input
capacitance
-
2.5
-
pF
CPD
power
dissipation
capacitance per
gate
VCC = 3.3 V
[1] [2] -14
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range Name
Description
Version
74LVC3G34DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC3G34DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC3G34GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
Table 3:
Marking codes
Type number
Marking code
74LVC3G34DP
V34
74LVC3G34DC
Y34
74LVC3G34GT
Y34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com