Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G34 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC3G34
Description  Triple buffer gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G34 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC3G34 Datasheet HTML 1Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 2Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 3Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 4Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G34 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
9397 750 14545
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
3 of 14
Philips Semiconductors
74LVC3G34
Triple buffer gate
6.
Functional diagram
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aaa684
1A
1Y
17
3Y
3A
26
2A
2Y
35
7
1
1
1
5
3
001aaa724
1
2
6
Fig 3.
Pin configuration VSSOP8 and
TSSOP8
Fig 4.
Pin configuration XSON8
3G34
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aaa609
1
2
3
4
6
5
8
7
3G34
3A
1Y
VCC
2Y
2A
3Y
1A
GND
001aac024
36
27
18
45
Transparent top view
Table 4:
Pin description
Symbol
Pin
Description
1A
1
data input
3Y
2
data output
2A
3
data input
GND
4
ground (0 V)
2Y
5
data output
3A
6
data input
1Y
7
data output
VCC
8
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com