Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2G32
Description  DUAL 2-INPUT OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G32 Datasheet(HTML) 1 Page - STMicroelectronics

  74V2G32 Datasheet HTML 1Page - STMicroelectronics 74V2G32 Datasheet HTML 2Page - STMicroelectronics 74V2G32 Datasheet HTML 3Page - STMicroelectronics 74V2G32 Datasheet HTML 4Page - STMicroelectronics 74V2G32 Datasheet HTML 5Page - STMicroelectronics 74V2G32 Datasheet HTML 6Page - STMicroelectronics 74V2G32 Datasheet HTML 7Page - STMicroelectronics 74V2G32 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
March 2004
s
HIGH SPEED: tPD = 3.0ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8mA (MIN) at VCC =4.5V
IIOH|= IOL =4mA (MIN) at VCC =3.0V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2G32 is an advanced high-speed CMOS
DUAL
2-INPUT
OR
GATE
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage.
This device can be used to interface 5V to 3V
systems and it is ideal for portable applications
like personal digital assistant, camcorder and all
battery-powered equipment.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
74V2G32
DUAL 2-INPUT OR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2G32STR
SOT23-8L


Similar Part No. - 74V2G32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G384 STMICROELECTRONICS-74V2G384 Datasheet
110Kb / 7P
DUAL HIGH SPEED BUS SWITCH
Jun-2003
74V2G384STR STMICROELECTRONICS-74V2G384STR Datasheet
110Kb / 7P
DUAL HIGH SPEED BUS SWITCH
Jun-2003
More results

Similar Description - 74V2G32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
Dual 2-input OR gate
Rev. 01-23 February 2004
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
DUAL 2-INPUT OR GATE
Mar-2004
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
DUAL 2-INPUT OR GATE
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
Dual 2-input OR Gate
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
DUAL 2-INPUT OR GATE
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
DUAL 2-INPUT OR GATE
Rev 1
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com