Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G32 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V2G32
Description  DUAL 2-INPUT OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G32 Datasheet(HTML) 4 Page - STMicroelectronics

  74V2G32 Datasheet HTML 1Page - STMicroelectronics 74V2G32 Datasheet HTML 2Page - STMicroelectronics 74V2G32 Datasheet HTML 3Page - STMicroelectronics 74V2G32 Datasheet HTML 4Page - STMicroelectronics 74V2G32 Datasheet HTML 5Page - STMicroelectronics 74V2G32 Datasheet HTML 6Page - STMicroelectronics 74V2G32 Datasheet HTML 7Page - STMicroelectronics 74V2G32 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74V2G32
4/8
CAPACITANCE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/2
DYNAMIC SWITCHING CHARACTERISTICS
1) Number of output defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining outputs is
measured in the LOW state.
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
410
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
12
pF
Symbol
Parameter
Test Condition
Value
Unit
VCC (V)
TA =25°C
Min.
Max.
VOLP
Dynamic Low Level Quiet Out-
put (note 1)
5.0
CL =50pF
VIL =0V, VIH =3.3V
0.8
V
VOLV
-0.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com