Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9782 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9782
Description  12-Bit, 200 MSPS/500 MSPS TxDAC with 2 x /4 x /8 x Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9782 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9782 Datasheet HTML 17Page - Analog Devices AD9782 Datasheet HTML 18Page - Analog Devices AD9782 Datasheet HTML 19Page - Analog Devices AD9782 Datasheet HTML 20Page - Analog Devices AD9782 Datasheet HTML 21Page - Analog Devices AD9782 Datasheet HTML 22Page - Analog Devices AD9782 Datasheet HTML 23Page - Analog Devices AD9782 Datasheet HTML 24Page - Analog Devices AD9782 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Preliminary Technical Data
AD9782
Rev. PrC | Page 21 of 52
Table 15.
PLL(04)
Bit
Direction
Default
Description
PLLON
7
I
0
0: PLL off
1: PLL on
PLLMULTI[1:0]
[6:5]
I
00
PLL MULTIPLY FACTOR
00: ×2
00: ×4
00: ×8
00: ×16
PLLDIV[1:0]
[4:3]
I
00
PLLMULT rate divide factor
00:/1
00:/2
00:/4
00:/8
PLLAZBW[1:0]
[2:1]
I
00
PLL Autozero settling bandwidth as fraction of CLK ±rate
00: /8 (lowest)
01: /4
10: /2 (highest)
PLOCKEXT
0
I
0
0: With PLL on, DATACLK/PLL_LOCK pin configured for DATACLK input/output
1: With PLL on, DATACLK/PLL_LOCK pin configured for output of PLLLOCK
Table 16.
DCLKCRC(05)
Bit
Direction
Default
Description
DATADJ[3:0]
[7:4]
I
0000
DATACLK offset. Twos complement respresentation
0111: +7
:
0000: 0
:
1000: -8
MODSYNC
3
I
00
0: With PLOCKEXT off, channel data rate clock synchronizer mode
1: With PLOCKEXT off, state machine clock synchronizer mode
fS/8
fS/4
fS/2
000
1
1
1
001
1/√2
0
–1
010
0
–1
1
011
–1/√2
0
–1
100
–1
1
1
101
–1/√2
0
–1
110
0
–1
1
MODADJ[2:0]
[2:0]
I
000
111
1/√2
0
–1
Modulator coefficient offset
Table 17.
VERSION(0D)
Bit
Direction
Default
Description
VERSION[3:0]
[3:0]
O
–
Hardware version identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com