Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1702-T Datasheet(PDF) 2 Page - ams AG

Part # AS1702-T
Description  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1702-T Datasheet(HTML) 2 Page - ams AG

  AS1702-T Datasheet HTML 1Page - ams AG AS1702-T Datasheet HTML 2Page - ams AG AS1702-T Datasheet HTML 3Page - ams AG AS1702-T Datasheet HTML 4Page - ams AG AS1702-T Datasheet HTML 5Page - ams AG AS1702-T Datasheet HTML 6Page - ams AG AS1702-T Datasheet HTML 7Page - ams AG AS1702-T Datasheet HTML 8Page - ams AG AS1702-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
2 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
4 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 5 Electrical
Characteristics on page 3 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 1. Absolute Maximum Ratings
Parameter
Min
Max
Unit
Comments
Supply Voltage (VCC to GND)
-0.3
+7
V
Any Other Pin to GND
-0.3
VCC + 0.3
V
Input Current (Latchup Immunity)
-100
100
mA
JEDEC 17
Continuous Power Dissipation
(TAMB = +70°C)
TBD
mW
MSOP-10 (Derate 10.3mW/°C
above +70°C)
Electro-Static Discharge (ESD)
1
kV
Human Body Model and MIL-
Std883E 3015.7methods
Operating Temperature Range (TAMB)-40
+85
°C
Storage Temperature Range
-65
+150
°C
Package Body Temperature
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com