Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1702-T Datasheet(PDF) 4 Page - ams AG

Part # AS1702-T
Description  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1702-T Datasheet(HTML) 4 Page - ams AG

  AS1702-T Datasheet HTML 1Page - ams AG AS1702-T Datasheet HTML 2Page - ams AG AS1702-T Datasheet HTML 3Page - ams AG AS1702-T Datasheet HTML 4Page - ams AG AS1702-T Datasheet HTML 5Page - ams AG AS1702-T Datasheet HTML 6Page - ams AG AS1702-T Datasheet HTML 7Page - ams AG AS1702-T Datasheet HTML 8Page - ams AG AS1702-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
4 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
3V Operation
5.2 3V Operation
VCC = 3V, GND = 0V, SHDN = VCC, SHDM = GND, RIN = RF = 10k
Ω (AS1702), TAMB = +25°C, CBIAS = 0.1µF, no load.
Typical values are at TAMB = +25°C (unless otherwise specified.) All specifications are 100% tested at TAMB = +25°C.
Specifications over temperature (TAMB = TMIN to TMAX) are guaranteed by design, not production tested.
Table 3. Electrical Characteristics – 3V Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC
Supply Current 1
1. Quiescent power supply current is specified and tested with no load. Quiescent power supply current depends
on the offset voltage when a practical load is connected to the amplifier. Guaranteed by design.
VIN- = VIN+ = VBIAS;
TAMB = -40 to +85°C, per amplifier
7.5
mA
ISHDN
Shutdown Supply
SHDN = SHDM = GND per amplifier
0.05
1
µA
VIH
SHDN, SHDM
Threshold
0.7 x VCC
V
VIL
0.3 x VCC
VBIAS
Common-Mode
Bias Voltage 2
2. Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
VCC/2 - 5% VCC/2 VCC/2 + 5%
V
VOS
Output Offset
Voltage
VIN- = VIN+ = VBIAS
AV = 0dB (AS1703)
±1
±10
mV
AV = 3dB (AS1704)
±1
±15
AV = 6dB (AS1705)
±1
±20
VIC
Common-Mode
Input Voltage
Inferred from CMRR
Test
AV = 0dB (AS1703)
0.5
VCC - 0.7
mV
AV = 3dB (AS1704)
0.5
VCC - 0.8
AV = 6dB (AS1705)
0.5
VCC - 1.0
External gain AS1702
0.5
VCC - 1.2
RIN
Input Impedance
AS1703, AS1704, AS1705
10
15
20
k
Ω
CMRR
Common-Mode
Rejection Ration
-50
-60
dB
fN = 1kHz
-64
PSRR
Power Supply
Rejection Ratio
VIN- = VIN+ = VBIAS;
VRIPPLE = 200mVp-p;
RL = 8
Ω; CBIAS = 1µF
f = 217Hz
-79
dB
f = 1kHz
-73
POUT
Output Power 3
3. Output power is specified by a combination of a functional output current test and characterization analysis.
RL = 4
Ω, THD+N = 1%; fIN = 1kHz
590
mW
RL = 8
Ω, THD+N = 1%; fIN = 1kHz
430
THD+N
Total Harmonic
Distortion plus
Noise 4
4. Measurement bandwidth for THD+N is 22Hz to 22kHz.
RL = 4
Ω, fIN = 1kHz, POUT = 460mW, AV = 6dB
0.06
%
RL = 8
Ω, fIN = 1kHz, POUT = 330mW, AV = 6dB
0.04
Gain Accuracy
AS1703, AS1704, AS1705
±1
±2
%
Thermal Shutdown
Threshold
+145
°C
Thermal Shutdown
Hysteresis
9°C
CLOAD
Maximum
Capacitive Drive
Bridge-tied capacitance
500
pF
tPU
Power-up/Enable
from
Shutdown Time
125
ms
tSHDN
Shutdown Time
3.5
µs
VPOP
Turn-Off Transient
5
5. Peak voltage measured at power-on, power-off, into or out of SHDN. Bandwidth defined by A-weighted filters,
inputs at AC GND. VCC rise and fall times
≥ 1ms.
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com