Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 1 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 1 Page - Microchip Technology

  ENC28J60 Datasheet HTML 1Page - Microchip Technology ENC28J60 Datasheet HTML 2Page - Microchip Technology ENC28J60 Datasheet HTML 3Page - Microchip Technology ENC28J60 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 2004 Microchip Technology Inc.
Advance Information
DS39623E-page 1
ENC28J60
Features
• IEEE 802.3 Compatible Ethernet Controller
• Integrated MAC and 10BASE-T PHY
• 8-Kbyte Transmit/Receive Packet Dual Port
Buffer SRAM
• Receiver and Collision Squelch Circuit
• Supports one 10BASE-T Port with Automatic
Polarity Detection and Correction
• Programmable Automatic Retransmit on Collision
• Programmable Padding and CRC Generation
• Programmable Automatic Rejection of Erroneous
Packets
• 10 Mbit/s SPI™ Interface
•Buffer:
- Configurable transmit/receive buffer size
- Hardware managed circular receive FIFO
- Byte-wide random and sequential access
- Internal DMA for fast memory copying
- Hardware assisted IP checksum calculation
•MAC:
- Support for Unicast, Multicast and Broadcast
packets
- Programmable pattern matching
- Programmable wake-up on multiple packet
formats, including Magic Packet®, Unicast,
Multicast, Broadcast, specific packet match
or any packet
- Loopback mode
•PHY:
- Wave shaping output filter
- Loopback mode
• Operational:
- Outputs for 2 LED indicators
- Transmit and receive interrupts
-25 MHz clock
- Clock out pin with programmable prescaler
- Operating voltage range of 3.14V to 3.45V
- Temperature range: -40°C to +85°C Industrial,
0°C to +70°C Commercial (SSOP only)
• 28-pin SSOP, SOIC, SPDIP and QFN packages
Pin Diagrams
CLKO
VDD
OSC2
OSC1
RESET
CS
SO
SI
VDDRX
VSSTX
TPOUT+
TPOUT-
LEDA
LEDB
TPIN+
TPIN-
RBIAS
INT
WOL
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
SCK
11
12
13
14
18
17
16
15
VDDOSC
VSSOSC
VCAP
VSS
VSSRX
VDDTX
VDDPLL
VSSPLL
OSC2
OSC1
WOL
1
2
3
4
5
6
7
89 10
28 27 26 25 24 23 22
21
20
19
ENC28J60
11 12 13 14
18
17
16
15
VDDOSC
28-pin SSOP, SOIC and SPDIP
28-pin QFN
RESET
CS
SO
SI
SCK
VSSRX
VDDRX
VSSOSC
VDDPLL
VSSPLL
Stand-Alone Ethernet Controller with SPI™ Product Brief


Similar Part No. - ENC28J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ENC28J60 MICROCHIP-ENC28J60 Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60 MICROCHIP-ENC28J60 Datasheet
5Mb / 12P
8-bit PIC짰 Microcontrollers
03/12/14
ENC28J60 MICROCHIP-ENC28J60 Datasheet
1Mb / 102P
Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60-C/ML MICROCHIP-ENC28J60-C/ML Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60-C/SO MICROCHIP-ENC28J60-C/SO Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
More results

Similar Description - ENC28J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
Stand-Alone Ethernet Controller with SPI Interface
2006
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
Stand-Alone Ethernet Controller with SPI Interface
10/26/12
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com