Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4892 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4892
Description  1 Watt Audio Power Amplifier with Headphone Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4892 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4892 Datasheet HTML 1Page - National Semiconductor (TI) LM4892 Datasheet HTML 2Page - National Semiconductor (TI) LM4892 Datasheet HTML 3Page - National Semiconductor (TI) LM4892 Datasheet HTML 4Page - National Semiconductor (TI) LM4892 Datasheet HTML 5Page - National Semiconductor (TI) LM4892 Datasheet HTML 6Page - National Semiconductor (TI) LM4892 Datasheet HTML 7Page - National Semiconductor (TI) LM4892 Datasheet HTML 8Page - National Semiconductor (TI) LM4892 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
External Components Description (Figure 1) (Continued)
Components
Functional Description
4.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
5.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of C
B.
6.
C
OUT
This output coupling capacitor blocks DC voltage while coupling the AC audio signal to the headphone
speaker. Combined with R
L, the headphone impedance, it creates a high pass filter at fc = 1/(2
πR
LCOUT).
Refer to the section, Proper Selection of External Components for an explanation of how to determine the
value of C
OUT.
7.
R
PU
This is the pull up resistor to activate headphone operation when a headphone plug is plugged into the
headphone jack.
8.
R
S
This is the current limiting resistor for the headphone input pin.
9.
R
PD
This is the pull down resistor to de-activate headphone operation when no headphone is plugged into the
headphone jack.
Typical Performance Characteristics
THD+N vs Frequency
at V
DD = 5V, 8
Ω R
L, and PWR = 250mW
THD+N vs Frequency
at V
DD = 3.3V, 8
Ω R
L, and PWR = 150mW
20012737
20012738
THD+N vs Frequency
at V
DD = 2.6V, 8
Ω R
L, and PWR = 100mW
THD+N vs Frequency
at V
DD = 2.6V, 4
Ω R
L, and PWR = 100mW
20012739
20012740
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com