Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4892 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4892
Description  1 Watt Audio Power Amplifier with Headphone Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4892 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4892 Datasheet HTML 9Page - National Semiconductor (TI) LM4892 Datasheet HTML 10Page - National Semiconductor (TI) LM4892 Datasheet HTML 11Page - National Semiconductor (TI) LM4892 Datasheet HTML 12Page - National Semiconductor (TI) LM4892 Datasheet HTML 13Page - National Semiconductor (TI) LM4892 Datasheet HTML 14Page - National Semiconductor (TI) LM4892 Datasheet HTML 15Page - National Semiconductor (TI) LM4892 Datasheet HTML 16Page - National Semiconductor (TI) LM4892 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Information (Continued)
The LM4892 is unity-gain stable and requires no external
components besides gain-setting resistors, an input coupling
capacitor, and proper supply bypassing in the typical appli-
cation. However, if a closed-loop differential gain of greater
than 10 is required, a feedback capacitor (C
f)
may be
needed as shown in Figure 3 to bandwidth limit the amplifier.
This feedback capacitor creates a low pass filter that elimi-
nates possible high frequency oscillations. Care should be
taken when calculating the -3dB frequency in that an incor-
rect combination of R
f and Cf will cause rolloff before 20kHz.
A typical combination of feedback resistor and capacitor that
will not produce audio band high frequency rolloff is R
f =
20k
Ω and C
f = 25pF. These components result in a -3dB
point of approximately 320 kHz.
20012724
FIGURE 3. Higher Gain Audio Amplifier
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com