Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R51 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC93R51
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC93R51 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC93R51 Datasheet HTML 1Page - Motorola, Inc MPC93R51 Datasheet HTML 2Page - Motorola, Inc MPC93R51 Datasheet HTML 3Page - Motorola, Inc MPC93R51 Datasheet HTML 4Page - Motorola, Inc MPC93R51 Datasheet HTML 5Page - Motorola, Inc MPC93R51 Datasheet HTML 6Page - Motorola, Inc MPC93R51 Datasheet HTML 7Page - Motorola, Inc MPC93R51 Datasheet HTML 8Page - Motorola, Inc MPC93R51 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC93R51/D
Rev 0, 12/2002
1
© Motorola, Inc. 2002
Low Voltage PLL Clock Driver
The MPC93R51 is a 3.3V compatible, PLL based clock generator
targeted for high performance clock distribution systems. With output
frequencies of up to 240 MHz and a maximum output skew of 150 ps the
MPC93R51 is an ideal solution for the most demanding clock tree
designs. The device offers 9 low skew clock outputs, each is configurable
to support the clocking needs of the various high-performance
microprocessors including the PowerQuicc II integrated communication
microprocessor. The devices employs a fully differential PLL design to
minimize cycle-to-cycle and long-term jitter.
Features
• 9 outputs LVCMOS PLL clock generator
• 25 - 240 MHz output frequency range
• Fully integrated PLL
• Compatible to various microprocessors such as PowerQuicc II
• Supports networking, telecommunications and computer applications
• Configurable outputs: divide-by-2, 4 and 8 of VCO frequency
• LVPECL and LVCMOS compatible inputs
• External feedback enables zero-delay configurations
• Output enable/disable and static test mode (PLL enable/disable)
• Low skew characteristics: maximum 150 ps output-to-output
• Cycle-to-cycle jitter max. 22 ps RMS
• 32 lead LQFP package
• Ambient Temperature Range 0°C to +70°C
• Pin & Function Compatible with the MPC951
Functional Description
The MPC93R51 utilizes PLL technology to frequency and phase lock its outputs onto an input reference clock. Normal
operation of the MPC93R51 requires a connection of one of the device outputs to the EXT_FB input to close the PLL feedback
path. The reference clock frequency and the output divider for the feedback path determine the VCO frequency. Both must be
selected to match the VCO frequency range. With available output dividers of divide-by-4 and divide-by-8 the internal VCO of the
MPC93R51 is running at either 4x or 8x of the reference clock frequency. The frequency of the QA, QB, QC and QD outputs is
either the one half, one fourth or one eighth of the selected VCO frequency and can be configured for each output bank using the
FSELA, FSELB, FSELC and FSELD pins, respectively. The available output to input frequency ratios are 4:1, 2:1, 1:1, 1:2 and
1:4. The REF_SEL pin selects the differential LVPECL (PCLK and PCLK) or the LVCMOS compatible reference input (TCLK).
The MPC93R51 also provides a static test mode when the PLL enable pin (PLL_EN) is pulled to logic low state. In test mode, the
selected input reference clock is routed directly to the output dividers bypassing the PLL. The test mode is intended for system
diagnostics, test and debug purpose. This test mode is fully static and the minimum clock frequency specification does not apply.
The outputs can be disabled by deasserting the OE pin (logic high state). In PLL mode, deasserting OE causes the PLL to loose
lock due to no feedback signal presence at EXT_FB. Asserting OE will enable the outputs and close the phase locked loop, also
enabling the PLL to recover to normal operation. The MPC93R51 is 3.3V compatible and requires no external loop filter
components. All inputs except PCLK and PCLK accept LVCMOS signals while the outputs provide LVCMOS compatible levels
with the capability to drive terminated 50
W transmission lines. For series terminated transmission lines, each of the MPC93R51
outputs can drive one or two traces giving the devices an effective fanout of 1:18. The device is packaged in a 7x7 mm2 32-lead
LQFP package.
Application Information
The fully integrated PLL of the MPC93R51 allows the low skew outputs to lock onto a clock input and distribute it with
essentially zero propagation delay to multiple components on the board. In zero-delay buffer mode, the PLL minimizes phase
offset between the outputs and the reference signal.
FA SUFFIX
LQFP PACKAGE
CASE 873A–02
MPC93R51
LOW VOLTAGE 3.3V
PLL CLOCK GENERATOR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC93R51

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC93R51 RENESAS-MPC93R51 Datasheet
548Kb / 14P
Low Voltage PLL Clock Driver
2019
More results

Similar Description - MPC93R51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com