Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC93R51 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC93R51
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC93R51 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC93R51 Datasheet HTML 1Page - Motorola, Inc MPC93R51 Datasheet HTML 2Page - Motorola, Inc MPC93R51 Datasheet HTML 3Page - Motorola, Inc MPC93R51 Datasheet HTML 4Page - Motorola, Inc MPC93R51 Datasheet HTML 5Page - Motorola, Inc MPC93R51 Datasheet HTML 6Page - Motorola, Inc MPC93R51 Datasheet HTML 7Page - Motorola, Inc MPC93R51 Datasheet HTML 8Page - Motorola, Inc MPC93R51 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC93R51
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC93R51 Logic Diagram
GND
QB
VCCO
QA
GND
TCLK
PLL_EN
QD2
VCCO
QD3
GND
QD4
VCCO
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
345678
24
23
22
21
20
19
18
17
16
MPC93R51
OE
Figure 2. Pinout: 32–Lead LQFP Package Pinout (Top View)
REF_SEL
PLL
(pulldown)
EXT_FB
FSELA
QA
REF_SEL
0
1
(pullup)
Ref
FB
200 - 480 MHz
÷2
÷4
÷8
D
Q
QB
0
1
0
1
0
1
FSELB
FSELC
(pulldown)
(pulldown)
(pullup)
(pulldown)
PLL_EN
FSELD
D
Q
QC1
0
1
D
Q
QC0
QD2
0
1
D
Q
QD1
QD0
QD4
QD3
OE
(pulldown)
(pulldown)
(pulldown)
(pulldown)
PCLK
PCLK
TCLK
PCLK
The MPC93R51 requires an external RC filter for the analog power supply pin VCCA. Please see application section for details.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com