Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1CAN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD1CAN
Description  CAN bus ESD protection diode in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD1CAN Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD1CAN Datasheet HTML 1Page - NXP Semiconductors PESD1CAN Datasheet HTML 2Page - NXP Semiconductors PESD1CAN Datasheet HTML 3Page - NXP Semiconductors PESD1CAN Datasheet HTML 4Page - NXP Semiconductors PESD1CAN Datasheet HTML 5Page - NXP Semiconductors PESD1CAN Datasheet HTML 6Page - NXP Semiconductors PESD1CAN Datasheet HTML 7Page - NXP Semiconductors PESD1CAN Datasheet HTML 8Page - NXP Semiconductors PESD1CAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
9397 750 14197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 25 January 2005
2 of 12
Philips Semiconductors
PESD1CAN
CAN bus ESD protection diode in SOT23
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = p: made in Hong Kong
* = t: made in Hong Kong
* = W: made in China
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
µs exponentially decaying waveform according to IEC61000-4-5; see
Figure 1.
[2]
Measured from pin 1 to 3 or 2 to 3.
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode 1
2
cathode 2
3
double cathode
SOT23
12
3
2
1
006aaa155
3
Table 3:
Ordering information
Type number
Package
Name
Description
Version
PESD1CAN
-
plastic surface mounted package; 3 leads
SOT23
Table 4:
Marking codes
Type number
Marking code [1]
PESD1CAN
*AN
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Ppp
peak pulse power
8/20
µs
[1] [2] -
200
W
Ipp
peak pulse current
8/20
µs
[1] [2] -3
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com