Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1CAN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESD1CAN
Description  CAN bus ESD protection diode in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD1CAN Datasheet(HTML) 3 Page - NXP Semiconductors

  PESD1CAN Datasheet HTML 1Page - NXP Semiconductors PESD1CAN Datasheet HTML 2Page - NXP Semiconductors PESD1CAN Datasheet HTML 3Page - NXP Semiconductors PESD1CAN Datasheet HTML 4Page - NXP Semiconductors PESD1CAN Datasheet HTML 5Page - NXP Semiconductors PESD1CAN Datasheet HTML 6Page - NXP Semiconductors PESD1CAN Datasheet HTML 7Page - NXP Semiconductors PESD1CAN Datasheet HTML 8Page - NXP Semiconductors PESD1CAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
9397 750 14197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 25 January 2005
3 of 12
Philips Semiconductors
PESD1CAN
CAN bus ESD protection diode in SOT23
[1]
Device stressed with ten non-repetitive ElectroStatic Discharge (ESD) pulses; see Figure 2.
[2]
Measured from pin 1 to 3 or 2 to 3.
Table 6:
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
ESD
electrostatic discharge
capability
IEC 61000-4-2
(contact discharge)
[1] [2] -23
kV
HBM MIL-STD883
-
10
kV
Table 7:
ESD standards compliance
ESD Standard
Conditions
IEC 61000-4-2, level 4 (ESD); see Figure 2
> 15 kV (air); > 8 kV (contact)
HBM MIL-STD883, class 3
> 4 kV
Fig 1.
8/20
µs pulse waveform according to
IEC 61000-4-5
Fig 2.
ElectroStatic Discharge (ESD) pulse waveform
according to IEC 61000-4-2
t (
µs)
040
30
10
20
001aaa630
40
80
120
Ipp
(%)
0
e−t
100 % Ipp; 8 µs
50 % Ipp; 20 µs
001aaa631
Ipp
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 to 1 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com