Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS2UQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESDXS2UQ
Description  Double ESD protection diodes in SOT663 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS2UQ Datasheet(HTML) 2 Page - NXP Semiconductors

  PESDXS2UQ Datasheet HTML 1Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 2Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 3Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 4Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 5Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 6Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 7Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 8Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2004 Apr 27
2
Philips Semiconductors
Product specification
Double ESD protection diodes
in SOT663 package
PESDxS2UQ series
FEATURES
• Uni-directional ESD protection of up to two lines
• Max. peak pulse power: Ppp = 150 W at tp = 8/20 µs
• Low clamping voltage: V(CL)R = 20 V at Ipp =15A
• Low reverse leakage current: IRM <1nA
• ESD protection > 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); Ipp = 15 A at tp = 8/20 µs.
APPLICATIONS
• Computers and peripherals
• Communication systems
• Audio and video equipment
• High speed data lines
• Parallel ports.
DESCRIPTION
Uni-directional double ESD protection diodes in a SOT663
plastic package. Designed to protect up to two
transmission or data lines from ElectroStatic Discharge
(ESD) damage.
MARKING
Note
1. * = p : made in Hong Kong.
* = t : made in Malaysia.
* = W : made in China.
QUICK REFERENCE DATA
PINNING
TYPE NUMBER
MARKING CODE(1)
PESD3V3S2UQ
*E1
PESD5V0S2UQ
*E2
PESD12VS2UQ
*E3
PESD15VS2UQ
*E4
PESD24VS2UQ
*E5
SYMBOL
PARAMETER
VALUE
UNIT
VRWM
reverse stand-off
voltage
3.3, 5, 12, 15
and 24
V
Cd
diode capacitance
VR =0V;
f = 1 MHz
200, 150, 38, 32
and 23
pF
number of
protected lines
2
PIN
DESCRIPTION
1
cathode 1
2
cathode 2
3
common anode
sym022
2
1
3
1
2
3
001aaa732
Fig.1 Simplified outline (SOT663) and symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com