Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS2UQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESDXS2UQ
Description  Double ESD protection diodes in SOT663 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS2UQ Datasheet(HTML) 3 Page - NXP Semiconductors

  PESDXS2UQ Datasheet HTML 1Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 2Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 3Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 4Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 5Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 6Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 7Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 8Page - NXP Semiconductors PESDXS2UQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2004 Apr 27
3
Philips Semiconductors
Product specification
Double ESD protection diodes
in SOT663 package
PESDxS2UQ series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Non-repetitive current pulse 8/20
µs exponential decaying waveform; see Fig.2.
2. Measured across either pins 1 and 3 or pins 2 and 3.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PESD3V3S2UQ
−
plastic surface mounted package; 3 leads
SOT663
PESD5V0S2UQ
PESD12VS2UQ
PESD15VS2UQ
PESD24VS2UQ
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Ppp
peak pulse power
8/20
µs pulse; notes 1 and 2
−
150
W
Ipp
peak pulse current
8/20
µs pulse; notes 1 and 2
PESD3V3S2UQ
−
15
A
PESD5V0S2UQ
−
15
A
PESD12VS2UQ
−
5A
PESD15VS2UQ
−
5A
PESD24VS2UQ
−
3A
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com