Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROS-2015 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ROS-2015
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-2015 Datasheet(HTML) 1 Page - Mini-Circuits

  ROS-2015 Datasheet HTML 1Page - Mini-Circuits ROS-2015 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits
®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Outline Drawing
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
H
JK
L
M
NP
Q
R
S
T
wt.
.500 .500 .180 .100 .080 .115 .060 .040 .540 .060 .100 .135 .135 .115 .140 .070 .150 .070 grams
12.70 12.70 4.57 2.54 2.03 2.92 1.52 1.02 13.72 1.52 2.54 3.43 3.43 2.92 3.56 1.78 3.81 1.78
1.0
Demo Board MCL P/N: TB-10
Suggested PCB Layout (PL-012)
Suggested Layout,
Tolerance to be within ±.002
METALLIZATION
SOLDER RESIST
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
6.5V
Absolute Max. Tuning Voltage (Vtune)
7.0V
REV. A
M151108
EDR-7916F1
ROS-2015+
RAV
150521
Page 1 of 2
ROS-2015+
Pin Connections
RF OUT
10
VCC
14
V-TUNE
2
GROUND
1,3,4,5,6,7,8,9,11,12,13,15,16
CASE STYLE: CK605
Voltage Controlled Oscillator
Surface Mount
5V Tuning for PLL IC's
1975 to 2015 MHz
• linear tuning characteristics
• low phase noise
• low pulling
• low pushing
• aqueous washable
Features
MODEL
FREQ.
POWER
PHASE NOISE
TUNING
NON
HARMONICS PULLING PUSHING
DC
NO.
(MHz)
OUTPUT dBc/Hz SSB at offset
HARMONIC
(dBc)
pk-pk
(MHz/V)
OPERATING
(dBm)
frequencies,kHz
VOLTAGE SENSI- PORT
3 dB
SPURIOUS
@12 dBr
POWER
RANGE
TIVITY CAP MODULATION
(dBc)
(MHz)
Typ.
(V)
(MHz/V) (pF)
BANDWIDTH
Vcc
Current
(MHz)
(volts)
(mA)
Min. Max.
Typ.
1
10
100
1000 Min. Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Typ.
Typ.
Max.
ROS-2015+
1975 2015
+7.5
-85 -108 -129 -149
0.5
5
16-18
20
110
-90
-30
-20
0.6
1
5
35
• wireless communication
• point-to-point radio
Applications
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ROS-2015

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROS-200 MINI-ROS-200 Datasheet
312Kb / 2P
Voltage Controlled Oscillator
ROS-200+ MINI-ROS-200+ Datasheet
312Kb / 2P
Voltage Controlled Oscillator
ROS-200-619 MINI-ROS-200-619 Datasheet
357Kb / 2P
Voltage Controlled Oscillator
ROS-200-619+ MINI-ROS-200-619+ Datasheet
357Kb / 2P
Voltage Controlled Oscillator
ROS-200-719 MINI-ROS-200-719 Datasheet
416Kb / 2P
Voltage Controlled Oscillator
REV. C
More results

Similar Description - ROS-2015

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com