Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROS-2015 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ROS-2015
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-2015 Datasheet(HTML) 2 Page - Mini-Circuits

  ROS-2015 Datasheet HTML 1Page - Mini-Circuits ROS-2015 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits
®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data & Curves*
ROS-2015+
Page 2 of 2
ROS-2015+
Frequency and Tuning Sensitivity
1930
1950
1970
1990
2010
2030
2050
01
23
45
Tuning Voltage (V)
6
10
14
18
22
26
30
FREQ. @ -55°C
FREQ. @ +25°C
FREQ. @ +85°C
T.SENS @ +25°C
ROS-2015+
Power Output
6.0
6.5
7.0
7.5
8.0
8.5
012345
Tuning Voltage (V)
-55°C
+25°C
+85°C
ROS-2015+
Frequency Pulling & Pushing (Vcc ± 5%)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
012
345
Tuning Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Pulling
Pushing
ROS-2015+
Phase Noise Vs. Tuning Voltage
-160
-150
-140
-130
-120
-110
-100
-90
-80
012
345
Tuning Voltage (V)
1KHz
10KHz
100KHz
1MHz
*at 25
oC unless mentioned otherwise
ROS-2015+
Harmonics Level
-50
-45
-40
-35
-30
-25
-20
01
23
45
Tuning Voltage (V)
F2
F3
F4
ROS-2015+
Phase Noise
-160
-150
-140
-130
-120
-110
-100
-90
-80
1
10
100
1000
Frequency Offset (KHz)
V
TUNE
FREQUENCY
POWER OUTPUT
Icc
HARMONICS (dBc)
FREQ. FREQ.
PHASE NOISE (dBc/Hz)
FREQ
PHASE
TUNE SENS
(MHz)
(dBm)
(mA)
PUSH
PULL
at offsets
OFFSET NOISE at
(MHz/V)
(MHz/V) (MHz)
(KHz) 1989 MHz
-55
°C+25°C+85°C-55°C+25°C+85°C
F2
F3
F4
1kHz
10kHz
100kHz
1MHz
(dBc/Hz)
0.00
28.83
1948.5 1941.3 1932.4
7.29
7.76
7.81
28.39 -30.4
-34.0
-39.3
0.48
0.60
-86.3
-107.5
-128.1
-147.3
1.0
-86.07
0.50
22.66
1961.4 1954.8 1946.6
7.39
7.86
7.90
28.57
-29.3
-34.5
-40.0
0.69
0.61
-83.6
-108.2
-128.7
-148.6
2.0
-93.00
0.75
21.06
1966.9 1960.4 1952.5
7.42
7.89
7.92
28.63 -28.7
-34.6
-40.7
0.77
0.58
-84.7
-108.1
-128.9
-148.7
3.5
-99.35
1.00
19.79
1972.1 1965.7 1957.9
7.44
7.90
7.93
28.69 -28.2
-34.4
-41.8
0.85
0.52
-83.8
-108.2
-129.6
-147.7
6.0
-104.33
1.25
18.85
1976.9 1970.6 1962.9
7.42
7.90
7.92
28.74 -27.9
-34.0
-42.3
0.91
0.43
-85.1
-108.9
-129.2
-148.9
8.5
-106.57
1.50
18.29
1981.6 1975.4 1967.7
7.39
7.87
7.91
28.78 -27.7
-33.4
-42.5
0.97
0.34
-86.3
-108.7
-129.8
-149.4
10.0
-108.14
1.75
17.78
1986.1 1979.9 1972.4
7.35
7.82
7.88
28.81 -27.7
-33.3
-43.0
1.02
0.24
-84.3
-108.6
-129.7
-149.9
20.8
-115.32
2.00
17.37
1990.5 1984.4 1976.8 7.32
7.78
7.83
28.84 -27.6
-33.1
-43.3
1.05
0.12
-85.1
-108.6
-129.4
-148.9
35.5
-120.54
2.25
17.01
1994.7 1988.7 1981.2 7.27
7.72
7.78
28.86 -27.7
-32.7
-43.3
1.09
0.08
-86.0
-108.7
-129.3
-149.3
60.7
-124.52
2.50
16.71
1998.9 1993.0 1985.5 7.22
7.67
7.72
28.87 -27.9
-32.2
-43.4
1.11
0.22
-85.3
-109.0
-129.4
-149.0
86.7
-128.09
2.75
16.56
2003.1 1997.1 1989.7 7.12
7.62
7.66
28.89 -27.9
-31.6
-43.0
1.13
0.35
-87.5
-108.4
-129.1
-149.1
100.0
-129.62
3.00
16.75
2007.4 2001.3 1993.8 7.03
7.54
7.61
28.90 -28.0
-31.3
-43.1
1.17
0.48
-84.3
-107.9
-129.7
-148.3
148.1
-132.96
3.25
16.68
2011.6 2005.5 1997.9 6.96
7.44
7.55
28.91 -28.1
-31.1
-43.0
1.20
0.62
-84.3
-108.1
-128.6
-148.4
177.0
-134.20
3.50
16.36
2015.7 2009.6 2002.0 6.89
7.36
7.47
28.92 -28.3
-30.8
-43.0
1.19
0.74
-85.7
-107.4
-128.4
-148.4
211.6
-135.58
3.75
16.22
2019.7 2013.7 2006.1 6.83
7.30
7.39
28.93 -28.5
-30.4
-43.2
1.20
0.84
-85.5
-108.0
-128.0
-147.9
302.4
-138.47
4.00
16.16
2023.8 2017.8 2010.2 6.77
7.24
7.32
28.93 -28.8
-30.2
-42.9
1.21
0.93
-86.1
-107.4
-127.5
-147.8
361.5
-139.63
4.25
16.14
2027.8 2021.8 2014.2 6.69
7.18
7.26
28.94 -29.1
-30.1
-42.7
1.22
1.00
-84.8
-106.9
-127.6
-147.1
507.5
-144.28
4.50
16.20
2031.9 2025.9 2018.2 6.59
7.11
7.20
28.95 -29.3
-30.0
-42.5
1.24
1.06
-83.6
-107.3
-127.7
-147.2
606.7
-144.63
4.75
16.39
2036.1 2029.9 2022.2 6.51
7.02
7.15
28.95 -29.7
-29.8
-42.4
1.25
1.10
-84.5
-106.7
-127.5
-146.9
851.6
-147.99
5.00
16.40
2040.1 2034.0 2026.2 6.44
6.93
7.09
28.96 -30.1
-29.5
-42.9
1.27
1.13
-83.6
-106.9
-127.1
-146.3
1000.0
-149.02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com