Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM205 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMM205
Description  Dual Channel Supply Voltage Marginer and Active DC Output Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMM205 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
5
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias ......................–55
°C to 125°C
Storage Temperature............................–65
°C to 150°C
Terminal Voltage with Respect to GND:
VDD Supply Voltage .........................–0.3V to 6.0V
12VIN Supply Voltage.....................–0.3V to 15.0V
All Others ............................... –0.3V to VDD + 0.7V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 secs)……………….300
°C
Junction Temperature.........................…….....…...150°C
ESD Rating per JEDEC……………………..……..2000V
Latch-Up testing per JEDEC………..……......…
±100mA
Note - The device is not guaranteed to function outside its operating
rating. Stresses listed under Absolute Maximum Ratings may cause
permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of the specification is
not implied. Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability. Devices are
ESD sensitive. Handling precautions are recommended.
RECOMMENDED OPERATING CONDITIONS
Temperature Range (Industrial) .......... –40
°C to +85°C
(Commercial)............ –5
°C to +70°C
VDD Supply Voltage.................................. 2.7V to 5.5V
12VIN Supply Voltage (1)........................ 8.0V to 14.0V
VIN.............................................................GND to VDD
VOUT.......................................................GND to 15.0V
Package Thermal Resistance (
θJA)
28 Lead QFN………………………………….…80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
Note (1) — Range depends on internal regulator set to 3.6V or 5.5V,
see 12VIN specification below.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
VDD
Supply Voltage
2.7
3.3
5.5
V
Internally regulated to 5.5V
10
15
V
12VIN
Supply Voltage
Internally regulated to 3.6V
6
14
VM
Positive Sense Voltage
VM pin
–0.3
VDD
V
IDD
Power Supply Current from
VDD
All TRIM pins and 12VIN floating
3
5
mA
I12VIN
Power Supply Current from
12VIN
All TRIM pins and VDD floating
3
5
mA
TRIM Sourcing Max Current
1.5
mA
ITRIM
TRIM output current
through 100
Ω to 1.0V
TRIM Sinking Max Current
1.5
mA
VADOC
Margin Control/ADOC
Range
Depends on Trim range of DC-
DC Converter
VREF_CNTL
VDD
V
VDD = 2.7V
0.9xVDD
VDD
VIH
Input High Voltage
VDD = 5.0V
0.7xVDD
VDD
V
VDD = 2.7V
0.1xVDD
VIL
Input Low Voltage
VDD = 5.0V
0.3xVDD
V
VOL
Programmable Open Drain
Output (READY)
ISINK = TBD
0.2
V
OV/UV
Monitor Voltage Range
COMP1 and COMP2 pins
–0.3
VDD
V
VHYST
Base DC Hysteresis
COMP1 and COMP2 pins,
VTH – VTL — Note 1
3
10
mV
Note 1 – The Base DC Hysteresis voltage is measured with a 1.25V external voltage source. The resulting value is determined by subtracting
Threshold Low from Threshold High (VTH – VTL) while monitoring the FAULT# pin state. Base DC Hysteresis is measured with a 1.25V input. Actual
DC Hysteresis is derived from the equation: (VIN/VREF)(Base Hysteresis). For example, if VIN = 2.5V and VREF = 1.25V then Actual DC Hysteresis =
(2.5V/1.25V) (0.003V) = 6mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com