Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM205 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMM205
Description  Dual Channel Supply Voltage Marginer and Active DC Output Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMM205 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
3
1
9
12
2
28
6
A0
A2
3
START
SCL
SDA
8
WP#
VREF_CNTL
18
19
20
TRIM_CAPA
COMP1
TRIMA
VREF
MUX
COMP2
OUTPUT
CONTROL
11
5
READY
FAULT#
15
16
TRIM_CAPB
TRIMB
TRIM
DRIVE A
TRIM
DRIVE B
INPUT VOLTAGE
SENSING AND
SIGNAL
CONDITIONING
17
14
VMB
VMA
4
A1
I2C
INTER-
FACE
SUPPLY
ARBITRATION
3.6V / 5V
REGULATOR
22
23
21
VDD
VDD_CAP
12VIN
EE
CONFIGURATION
REGISTERS
AND MEMORY
7
GND
10 FILT_CAP
CMP
CMP
CMP
Figure 3 –Block Diagram.
PACKAGE AND PIN CONFIGURATION
INTERNAL BLOCK DIAGRAM
28 Pin QFN
Top View
1
28
21
20
19
18
17
16
15
22
23
24
25
26
27
2
3
4
5
6
7
14
13
SMM205
Pin 1
SCL
A2
START
A1
READY
A0
GND
VDD
TRIMA
COMP1
TRIM_CAPA
VMB
TRIMB
TRIM_CAPB
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com