Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC77 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC77
Description  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC77 Datasheet HTML 7Page - Microchip Technology TC77 Datasheet HTML 8Page - Microchip Technology TC77 Datasheet HTML 9Page - Microchip Technology TC77 Datasheet HTML 10Page - Microchip Technology TC77 Datasheet HTML 11Page - Microchip Technology TC77 Datasheet HTML 12Page - Microchip Technology TC77 Datasheet HTML 13Page - Microchip Technology TC77 Datasheet HTML 14Page - Microchip Technology TC77 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2002 Microchip Technology Inc.
DS20092A-page 11
TC77
4.0
INTERNAL REGISTER
STRUCTURE
The TC77 Internal register structure consists of three
registers. The Temperature and Manufacturer’s Identi-
fication registers are read only, while the Configuration
register is write only.
TABLE 4-1:
REGISTERS FOR TC77
4.1
Configuration Register (CONFIG)
The Configuration register is write only. This register
selects either Shutdown, Continuous Conversion or
Test modes:
• C15:C0 = XXXX/XXXX 1111/1111 (Shutdown
mode)
• C15:C0 = XXXX/XXXX 0000/0000 (Continuous
Conversion mode)
• The TC77 is in Shutdown mode when bits C0 to
C7 are all equal to ‘1’s. The TC77 will be in the
Continuous Conversion mode if a ‘0’ in any bit
location from C0 to C7 is written to the Configura-
tion register. The TC77 is in the Continuous
Conversion mode at power-up.
It is recommended that the user write all ‘0’s or all ‘1’s
to the Configuration register because other bit codes
may put the TC77 in a test mode used for calibration
and production verification tests. Section 3.3 lists the
Configuration register bit codes that can be written to
the TC77 without having the device enter a production
test mode.
During Shutdown mode, the serial bus is still active.
The current consumption of the TC77 will be less than
1 µA during the time between serial communication.
4.2
Temperature Register (TEMP)
The Temperature register is read only and holds the
temperature conversion data. Bits 0 and 1 are unde-
fined and will be tri-state outputs during a read
sequence. Bit 2 is set to a logic ‘1’ after completion of
the first temperature conversion following a power-up
or reset event. Bit 2 is set to a logic ‘0’ during the time
needed to complete the first temperature conversion.
Therefore, the status of bit 2 can be monitored to indi-
cate that the TC77 has completed the first temperature
conversion. Bits 15:3 contain the 13 bit two’s comple-
ment data from the temperature conversion.
4.3
Manufacturer’s ID Register (M_ID)
The Manufacturer’s Identification code is contained in
this read only register. The Manufacturer ID register is
only available for a read operation when the TC77 is in
Shutdown mode. The Manufacturer’s ID code is con-
tained in bits 15:8 and is equal to 54 hex to indicate a
Microchip device. Bits 1:0 are undefined and will be tri-
state outputs during a read sequence, while bits 7:2 are
set to ‘0’.
Name
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Value at Powerup/Reset
CONFIG
C15
C14
C13
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
C0
XXXX/XXXX 0000/0000
TEMP
T12
T11
T10T9
T8
T7
T6
T5T4T3
T2T1
T0
*
x
x
1111/1111 0000/0*XX
M_ID
0
1
0
1
0
1
00
000
000x
x
0101/0100 0000/00XX
* Bit 2 = 0 during power-up; otherwise, bit 2 =1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com