Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP3C60PS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DXTP3C60PS
Description  PNP LOW SAT MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP3C60PS Datasheet(HTML) 3 Page - Diodes Incorporated

  DXTP3C60PS Datasheet HTML 1Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 2Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 3Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 4Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 5Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 6Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DXTP3C60PS
Document number: DS39128 Rev.1 - 2
3 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DXTP3C60PS
Thermal Characteristics and Derating Information
1E-4
1E-3
0.01
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
PULSE DURATION (s)
FR4 PCB With Minimum Recommended Pad Layout
Single Pulse
0.005
0.01
0.02
0.05
0.1
0.3
0.5
0.7
Duty Cycle = 0.9
1E-4
1E-3
0.01
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
Single Pulse
0.005
0.01
0.02
0.05
0.1
0.3
0.5
0.7
PULSE DURATION (s)
FR4 PCB With 1inch Copper Pad Layout
Duty Cycle = 0.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com