Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP3C60PS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXTP3C60PS
Description  PNP LOW SAT MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP3C60PS Datasheet(HTML) 1 Page - Diodes Incorporated

  DXTP3C60PS Datasheet HTML 1Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 2Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 3Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 4Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 5Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 6Page - Diodes Incorporated DXTP3C60PS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DXTP3C60PS
Document number: DS39128 Rev.1 - 2
1 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DXTP3C60PS
60V 175°C PNP LOW SAT MEDIUM POWER TRANSISTOR IN POWERDI5060-8
Features
BVCEO > -60V
IC = -3A Continuous Collector Current
ICM = -8A Peak Pulse Current
RCE(SAT) < 120 mΩ
Rated to +175
C – Ideal for High Ambient Temperature
Environments
Complementary Part DXTN3C60PS
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI5060-8
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Applications
Power Management
Load Switch
Linear Mode Voltage Regulator
Backlighting Applications
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per reel
DXTP3C60PS-13
AEC-Q101
DXTP3C60PS
13
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
POWERDI5060-8
Pin1
C
C
C
C
E
E
E
B
DXTP3 = Product Type Marking Code
C60PS = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 17 = 2017)
WW = Week Code (01 to 53)
N12D60C
YYWW
C
E
B
DXTP3
C60PS
YYWW
Green
POWERDI is a registered trademark of Diodes Incorporated


Similar Part No. - DXTP3C60PS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP03200BP5 DIODES-DXTP03200BP5 Datasheet
148Kb / 7P
200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32068 Rev. 2 - 2
DXTP03200BP5-13 DIODES-DXTP03200BP5-13 Datasheet
148Kb / 7P
200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32068 Rev. 2 - 2
DXTP03200BP5 DIODES-DXTP03200BP5_15 Datasheet
148Kb / 7P
200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 2
DXTP07025BFG DIODES-DXTP07025BFG Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07025BFG-7 DIODES-DXTP07025BFG-7 Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
More results

Similar Description - DXTP3C60PS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T2E6 ZETEX-ZX5T2E6 Datasheet
103Kb / 6P
20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
Low Vce(sat) PNP Transistor
logo
Zetex Semiconductors
ZXTP2006E6 ZETEX-ZXTP2006E6 Datasheet
95Kb / 8P
20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
ZXTN19060CG ZETEX-ZXTN19060CG Datasheet
317Kb / 8P
60V NPN low sat medium power transistor
logo
Diodes Incorporated
DXT2011P5 DIODES-DXT2011P5 Datasheet
209Kb / 7P
100V NPN LOW SAT MEDIUM POWER TRANSISTOR PowerDI짰5
DS32069 Rev. 2 - 2
ZX5T2E6 DIODES-ZX5T2E6 Datasheet
113Kb / 6P
20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
MAY 2004
ZX5T2E6 DIODES-ZX5T2E6_15 Datasheet
113Kb / 6P
20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
MAY 2004
ZXTP2006E6 DIODES-ZXTP2006E6_15 Datasheet
100Kb / 8P
20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
JUNE 2005
DXTN3C60PS DIODES-DXTN3C60PS Datasheet
528Kb / 8P
NPN LOW SAT MEDIUM POWER TRANSISTOR
Rev 1
logo
Pan Jit International I...
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
PNP Low Vce(sat) Transistor
November 4,2016-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com