Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX458TA
Description  400V NPN HIGH VOLTAGE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX458TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX458TA Datasheet HTML 1Page - Diodes Incorporated FCX458TA Datasheet HTML 2Page - Diodes Incorporated FCX458TA Datasheet HTML 3Page - Diodes Incorporated FCX458TA Datasheet HTML 4Page - Diodes Incorporated FCX458TA Datasheet HTML 5Page - Diodes Incorporated FCX458TA Datasheet HTML 6Page - Diodes Incorporated FCX458TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FCX458
Document number: DS33053 Rev. 7 - 2
1 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FCX458
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Features
BVCEO > 400V
IC = 225mA Continuous Collector Current
ICM = 500mA Peak Pulse Current
Excellent hFE Characteristics up to 100mA
Low saturation voltage VCE(sat) < 200mV @ 20mA
Complementary PNP Type: FCX558
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT89
Case Material: M
olded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads,
Solderable per MIL-STD-202, Method 208
Weight: 0.055 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FCX458TA
AEC-Q101
N58
7
12mm
1,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
3.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
.
Marking Information
C
E
B
Equivalent Circuit
Top View
Pin-Out
Top View
SOT89
C
E
C
B
N58 = Product Type Marking Code
N1
N58


Similar Part No. - FCX458TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX458TA DIODES-FCX458TA Datasheet
25Kb / 2P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
More results

Similar Description - FCX458TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN08400BFF ZETEX-ZXTN08400BFF Datasheet
510Kb / 6P
400V, SOT23F, NPN medium power high voltage transistor
logo
Diodes Incorporated
ZXTN08400BFF DIODES-ZXTN08400BFF Datasheet
522Kb / 6P
400V, SOT23F, NPN medium power high voltage transistor
SEPTEMBER 2006
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 5
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
FMMT458 DIODES-FMMT458_15 Datasheet
429Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
FMMT458 DIODES-FMMT458_16 Datasheet
492Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
ZXTN08400BFF DIODES-ZXTN08400BFF_16 Datasheet
354Kb / 7P
400V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com