Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSTFT3.5Z Datasheet(PDF) 1 Page - Newhaven Display International, Inc.

Part # TSTFT3.5Z
Description  Touch Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

TSTFT3.5Z Datasheet(HTML) 1 Page - Newhaven Display International, Inc.

  TSTFT3.5Z Datasheet HTML 1Page - Newhaven Display International, Inc. TSTFT3.5Z Datasheet HTML 2Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Newhaven Display International
TSTFT3.5Z
(Touch Panel)
RoHS Compliant
For product support, contact
Newhaven Display International
2511 Technology Drive #101
Elgin, IL 60124
Tel: (847) 844-8795 Fax: (847) 844-8796
March 31, 2010


Similar Part No. - TSTFT3.5Z

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TST SAMTEC-TST Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
logo
ITT Industries
TST 02 AH 00 ITT-TST 02 AH 00 Datasheet
374Kb / 6P
Trident Connector System Snap Together - Rectangular
TST 02 PA 00 ITT-TST 02 PA 00 Datasheet
374Kb / 6P
Trident Connector System Snap Together - Rectangular
TST 02 RA 00 ITT-TST 02 RA 00 Datasheet
374Kb / 6P
Trident Connector System Snap Together - Rectangular
TST 02 RB 01T ITT-TST 02 RB 01T Datasheet
374Kb / 6P
Trident Connector System Snap Together - Rectangular
More results

Similar Description - TSTFT3.5Z

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
Resistive Touch Panel Specification
logo
Unisonic Technologies
TS2043 UTC-TS2043 Datasheet
209Kb / 8P
TOUCH PANEL CONTROLLER
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
15" Infrared Touch Panel
14-Jan-10
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
TFT LCD Touch Panel
logo
PHOENIX CONTACT
2400455 PHOENIX-2400455 Datasheet
67Kb / 6P
Touch panel - TP 3105S
2400457 PHOENIX-2400457 Datasheet
67Kb / 6P
Touch panel - TP 3120W
2985181 PHOENIX-2985181 Datasheet
56Kb / 4P
Touch panel - TP 10T
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
logo
Beckhoff Automation Gmb...
CP32XX-0030 BECKHOFF-CP32XX-0030 Datasheet
147Kb / 5P
Multi-touch Panel PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com