Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSTFT3.5Z Datasheet(PDF) 2 Page - Newhaven Display International, Inc.

Part # TSTFT3.5Z
Description  Touch Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

TSTFT3.5Z Datasheet(HTML) 2 Page - Newhaven Display International, Inc.

  TSTFT3.5Z Datasheet HTML 1Page - Newhaven Display International, Inc. TSTFT3.5Z Datasheet HTML 2Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
F
1
2
3
Customer Name
APPROVE
DESIGN
DRAWN
CHECK
THIRD ANGLE
PROJECTION
7
6
DATE
NAME
mm
Dimensions
Dwg Name
1:1
Scale
E
8
Dwg No.
Customer No.
F
C
D
A
B
1
2
3
4
Revision note
RevNo
5
6
7
Checked
Date
8
Signature
C
D
A
B
Touch Panel
1 . GLASS THICKNESS: 0.7mm
2
3
. Operating Temperature
:- 10°C∼+60°C,Storage Temperature:- 20°C∼+70°C
4
.
Linearity: ≤± 1. 5%
5
. Transmittance
:>75%
6
.
Circuit Resistance X:
:
200
∼900 ,Y: 200∼900
7
. Surface Hardness:
(≥ 3H
)
8
.
Durability:>1, 000, 000 Touches
. RoHS
1 2 34
FPC DETAIL(1:3)
X2
Y2
X1
Y1
76.6±0.2(outline)
71.82(V.A.)
70.08(A.A.)
22.9±0.5
14.5
0.3±0.05
Total Thickness
1.1±0.1mm
5
TSTFT3.5Z
2-0.75
4-0.5
PITCH 1*3=3
5
1
4
1
4
76.6±0.2(outline)
2.36
3.36
2010.03.30
2010.03.30
76.2 (D.S.A)
73.02 (D.S.A)
0.2
1.62
D/S ADHESIVE
T=0.1mm
STIFFNER
2010.03.31
2010.03.31
Newhaven Display International



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com