Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02T Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 24LLC02T
Description  2K-bit Serial EEPROM for Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24LLC02T Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 24LLC02T Datasheet HTML 9Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 10Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 11Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 12Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 13Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 14Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 15Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 16Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SEQUENTIAL READ OPERATION
Sequential read operations can be performed in two ways: as a series of current address reads or as random
address reads. The first data is sent in the same way as the previous read mode used on the bus. The next time,
however, the master responds with an ACK, indicating that it requires additional data.
The 24LLC02 continues to output data for each ACK it receives. To stop the sequential read operation,the
master does not respond with an ACK, but instead issues a Stop condition.
Using this method, data is output sequentially with the data from address “n” followed by the data from “n+1”. The
word address pointer for read operations increments all word addresses, allowing the entire EEPROM to be read
sequentially in a single operation. After the entire EEPROM is read, the word address pointer “rolls over” and the
24LLC02 continues to transmit data for each ACK it receives from the master (see Figure 1-14).
Slave Address
Data (n)
Start
A
C
K
A
C
K
N
O
A
C
K
Data (n + x)
A
C
K
Figure 1-14. Sequential Read Operation
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
13 of 19
Rev 1.2 May 6,2002
24LLC02
2K-bit Serial EEPROM for Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com