Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02T Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 24LLC02T
Description  2K-bit Serial EEPROM for Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24LLC02T Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 24LLC02T Datasheet HTML 11Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 12Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 13Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 14Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 15Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 16Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 17Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 18Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SCL
tLOW
tF
tR
SDA In
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tSU:STO
tHIGH
SDA Out
tBUF
tAA
Figure 1-15. Timing Diagram for Bus Operations
8th Bit
WORDn
SCL
SDA
Start
Condition
tWR
Stop
Condition
ACK
Figure 1-16. Write Cycle Timing Diagram
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
16 of 19
Rev 1.2 May 6,2002
24LLC02
2K-bit Serial EEPROM for Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com